Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3900 Datasheet(PDF) 18 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 18 Page - ams AG

Back Button AS3900 Datasheet HTML 14Page - ams AG AS3900 Datasheet HTML 15Page - ams AG AS3900 Datasheet HTML 16Page - ams AG AS3900 Datasheet HTML 17Page - ams AG AS3900 Datasheet HTML 18Page - ams AG AS3900 Datasheet HTML 19Page - ams AG AS3900 Datasheet HTML 20Page - ams AG AS3900 Datasheet HTML 21Page - ams AG AS3900 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
18 - 59
AS3900
Data Sheet - Detail ed Description
8.3.2 Handling the Link Manager
In general there are three different actions to operate the link manager.
Setting register
Sending direct commands
Handling interrupts
8.3.2.1 Setting Registers
The AS3900 has a MAIN register with 82bytes and a SHADOW register with 22 bytes. All configuration registers are readable and writable and
can be directly accessed via their register address. The registers are non volatile as long as the supply voltage is not decreased below the
specified minimum level of 2.0V. The two registers contain blocks for configuration, bits for setting direct commands, status bits, an ID table,
different data buffers as well as an interrupt table.
The complete register maps are directly addressable via the SDI interface that features:
Reading of a single register byte
Reading of register data with auto-incrementing address
Writing of a single register byte
Writing of register data with auto-incrementing address
8.3.2.2 Sending Direct Commands
The AS3900 can be directed via direct Commands that are executed via the SDI interface. With the direct Commands often used features of the
device can be activated or deactivated. Some of the commands can also be accessed via the register maps.
8.3.2.3 Handling Interrupt
Different interrupts are set by the link manager according to certain events in the interrupt registers (in the MAIN register). 16 possible interrupt
sources can be enabled or disabled by the use of the Interrupt Mask Register.
If one of the enabled interrupt conditions is met, the AS3900 apply a HIGH level on the IRQ pin. The IRQ level is set to LOW level after reading
the interrupt register. The MCU reads the interrupt register to distinguish between the different interrupt sources. The interrupt registers are reset
automatically after reading.
8.4 Digital Interface
The interface is used for the serial communication between the Microcontroller and the AS3900.The maximum operation frequency of the Serial
Data Interface (SDI) is 2MHz. The Interrupt Interface (IRQ) provides a CMOS compatible HIGH level at the occurrence of an interrupt. This level
will be set to LOW if one of the interrupt registers is read. In active modes of the AS3900, a register selectable frequency is provided at the pin
MCU_CLK. A typical connection to the MCU is shown in Figure 13
Figure 13. Microcontroller Interface
MCU
AS3900
INT0
XTAL1
IRQ
MCU_CLK
SDATAO
SEN
SCLK
SDATAI
MISO
GPIO1
SCLK
MOSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com