Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL2303 Datasheet(PDF) 9 Page - Prolific Technology Inc.

Part # PL2303
Description  USB to Serial Bridge Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROLIFIC [Prolific Technology Inc.]
Direct Link  http://www.prolific.com.tw
Logo PROLIFIC - Prolific Technology Inc.

PL2303 Datasheet(HTML) 9 Page - Prolific Technology Inc.

Back Button PL2303 Datasheet HTML 5Page - Prolific Technology Inc. PL2303 Datasheet HTML 6Page - Prolific Technology Inc. PL2303 Datasheet HTML 7Page - Prolific Technology Inc. PL2303 Datasheet HTML 8Page - Prolific Technology Inc. PL2303 Datasheet HTML 9Page - Prolific Technology Inc. PL2303 Datasheet HTML 10Page - Prolific Technology Inc. PL2303 Datasheet HTML 11Page - Prolific Technology Inc. PL2303 Datasheet HTML 12Page - Prolific Technology Inc. PL2303 Datasheet HTML 13Page - Prolific Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Revised Date:
March 20, 2012
ds_pl2303HXD_v1.4.4
PL-2303HX (Rev D) Product Datasheet
- 9 -
Document Version 1.4.4
2.0 Functional Block Diagram
96MHz Clock Generator
USB 1.1
Transceiver
5 to 3.3V
Regulator
Power
Management
USB Digital Lock
Loop
USB to Serial Interface Engine
Control Endpoint
Interrupt Endpoint
Bulk-in
Endpoint
Bulk-Out
Endpoint
256/384Byte
Inbound Data
Buffer
256/128Byte
Outbound Data
Buffer
RS232 / RS-422 / RS-485 Like
Serial Interface Engine
256-Bytes
OTP ROM
Hardware ROM
Default Descriptor
PL-2303HXD
RS-232/RS-422/RS-485 Like Interface
USB Host
Figure 2-1 Block Diagram of PL-2303HX (Rev D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com