Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL2303 Datasheet(PDF) 16 Page - Prolific Technology Inc.

Part # PL2303
Description  USB to Serial Bridge Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROLIFIC [Prolific Technology Inc.]
Direct Link  http://www.prolific.com.tw
Logo PROLIFIC - Prolific Technology Inc.

PL2303 Datasheet(HTML) 16 Page - Prolific Technology Inc.

Back Button PL2303 Datasheet HTML 12Page - Prolific Technology Inc. PL2303 Datasheet HTML 13Page - Prolific Technology Inc. PL2303 Datasheet HTML 14Page - Prolific Technology Inc. PL2303 Datasheet HTML 15Page - Prolific Technology Inc. PL2303 Datasheet HTML 16Page - Prolific Technology Inc. PL2303 Datasheet HTML 17Page - Prolific Technology Inc. PL2303 Datasheet HTML 18Page - Prolific Technology Inc. PL2303 Datasheet HTML 19Page - Prolific Technology Inc. PL2303 Datasheet HTML 20Page - Prolific Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Revised Date:
March 20, 2013
ds_pl2303HXD_v1.4.4
PL-2303HX (Rev D) Product Datasheet
- 16 -
Document Version 1.4.4
Serial No. (8 hex characters)
Disabled
This field sets the product USB serial number.
Entering a unique serial number allows the
device to be assigned the same COM Port
number even when plug to other USB ports of
the same PC.
Product String Descriptor
None
This field when entered will be the string
displayed by Windows and other OS when
device is first detected and before driver is
loaded or driver not installed.
Enable for RS422/RS485
Disabled
Enable this for RS422 or RS485 support.
Remains
2
PL2303HXD has an integrated OTPROM
which allows to write EEPROM settings
without the use of an external one. However,
the OTPROM can only be written twice and
cannot be erased. PL2303HXD does not
support external EEPROM.
Functions
Default Value
Description
Serial Port Output
Disable
This option allows setting the serial port output
pin signals (TXD, RTS, DTR) to HIGH during
suspend mode.
USB Load Mode
Light Load (100mA)
This option sets the USB device maximum
power if 100mA (low-power) or 500mA (high
power).
Flow Control Setting
No Flow Control
This option allows to set the flow control initial
setting to none, H/W, or S/W control.
Note: H/W and S/W flow control can also be
set and configured on customer/user serial
communication software.
Wakeup Trigger Pin
Wakeup trigger on
RI
This option allows setting the trigger pin for
remote wakeup function. When in suspend
mode, changes on the enabled serial port
input signals could trigger a wakeup event.
NOTE: To support Selective Suspend function, you
need to write and enable this option in OTPROM.
Shutdown Pin Mode
Output LOW during
suspend
This option allows setting the Shutdown pin
mode to Output HIGH or LOW on normal
mode or Suspend mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com