Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL2303 Datasheet(PDF) 10 Page - Prolific Technology Inc.

Part # PL2303
Description  USB to Serial Bridge Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROLIFIC [Prolific Technology Inc.]
Direct Link  http://www.prolific.com.tw
Logo PROLIFIC - Prolific Technology Inc.

PL2303 Datasheet(HTML) 10 Page - Prolific Technology Inc.

Back Button PL2303 Datasheet HTML 6Page - Prolific Technology Inc. PL2303 Datasheet HTML 7Page - Prolific Technology Inc. PL2303 Datasheet HTML 8Page - Prolific Technology Inc. PL2303 Datasheet HTML 9Page - Prolific Technology Inc. PL2303 Datasheet HTML 10Page - Prolific Technology Inc. PL2303 Datasheet HTML 11Page - Prolific Technology Inc. PL2303 Datasheet HTML 12Page - Prolific Technology Inc. PL2303 Datasheet HTML 13Page - Prolific Technology Inc. PL2303 Datasheet HTML 14Page - Prolific Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Revised Date:
March 20, 2013
ds_pl2303HXD_v1.4.4
PL-2303HX (Rev D) Product Datasheet
- 10 -
Document Version 1.4.4
3.0 Introduction
PL-2303HX (Chip Rev D) or PL-2303HXD provides a convenient solution for connecting an RS232-like
full-duplex asynchronous serial device to any Universal Serial Bus (USB) capable host. PL-2303HXD
highly compatible drivers could simulate the traditional COM port on most operating systems allowing
the existing applications based on COM port to easily migrate and be made USB ready.
By taking advantage of USB bulk transfer mode, large data buffers, and automatic flow control,
PL-2303HXD is capable of achieving higher throughput compared to traditional UART (Universal
Asynchronous Receiver Transmitter) ports. When real RS232 signaling is not required, baud rate
higher than 115200 bps could be used for even higher performance. The flexible baud rate generator of
PL-2303HXD could be programmed to generate any rate between 75 bps to 12M bps.
PL-2303HXD is exclusively designed for mobile and embedded solutions in mind, providing a small
footprint that could easily fit in to any connectors and handheld devices. With very small power
consumption in either operating or suspend mode, PL-2303HXD is perfect for bus powered operation
with plenty of power left for the attached devices. Flexible signal level requirement on the RS232-like
serial port side also allows PL-2303HXD to connect directly to any 3.3V~1.8V range devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com