Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL2303 Datasheet(PDF) 19 Page - Prolific Technology Inc.

Part # PL2303
Description  USB to Serial Bridge Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROLIFIC [Prolific Technology Inc.]
Direct Link  http://www.prolific.com.tw
Logo PROLIFIC - Prolific Technology Inc.

PL2303 Datasheet(HTML) 19 Page - Prolific Technology Inc.

Back Button PL2303 Datasheet HTML 15Page - Prolific Technology Inc. PL2303 Datasheet HTML 16Page - Prolific Technology Inc. PL2303 Datasheet HTML 17Page - Prolific Technology Inc. PL2303 Datasheet HTML 18Page - Prolific Technology Inc. PL2303 Datasheet HTML 19Page - Prolific Technology Inc. PL2303 Datasheet HTML 20Page - Prolific Technology Inc. PL2303 Datasheet HTML 21Page - Prolific Technology Inc. PL2303 Datasheet HTML 22Page - Prolific Technology Inc. PL2303 Datasheet HTML 23Page - Prolific Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
Revised Date:
March 20, 2012
ds_pl2303HXD_v1.4.4
PL-2303HX (Rev D) Product Datasheet
- 19 -
Document Version 1.4.4
9.0 DC & Temperature Characteristics
9.1
Absolute Maximum Ratings
Table 9-1 Absolute Maximum Ratings
Items
Ratings
Power Supply Voltage - VDD_5
-0.3 to 6.5 V
Input Voltage of 3.3V I/O
-0.3 to VO_33+0.3 V
Input Voltage of 3.3V I/O with 5V Tolerance I/O
-0.3 to VDD_5+0.3V
Output Voltage of 3.3V I/O
-0.3 to VDD_5 +0.3 V
Storage Temperature
-40 to 150
o
C
9.2
DC Characteristics
9.2.1 Operating Voltage and Suspend Current
Table 9-2a Operating Voltage and Suspend Current
Parameter
Symbol
Min
Typ
Max
Unit
Operating Voltage Range
VDD_5
4.5
5
6.5
V
Output Voltage of Regulator
VO_33
2.97
3.3
3.63
V
Operating Current
(1)
(Power Consumption)
IDD
-
20
25
mA
Suspend Current
ISUS
-
260
450
A
Note: (1)
– No device connected.
9.2.2 3.3V I/O Pins
Table 9-2b 3.3V I/O Pins
Parameter
Symbol
Min
Typ
Max
Unit
Output Driving Capability
IDD
4
mA
Power Supply for 3.3V I/O Pins
VO_33
2.97
3.3
3.63
V
Input Voltage (CMOS)
Low
High
VIL
VIH
--
0.7* VO_33
--
--
0.3* VO_33
--
V
V
Input Voltage (LVTTL)
Low
High
VIL
VIH
--
2.0
--
--
0.8
--
V
V
Output Voltage, 3.3V
Low
High
VOL
VOH
--
2.4
--
--
0.4
--
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com