Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL2303 Datasheet(PDF) 11 Page - Prolific Technology Inc.

Part # PL2303
Description  USB to Serial Bridge Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROLIFIC [Prolific Technology Inc.]
Direct Link  http://www.prolific.com.tw
Logo PROLIFIC - Prolific Technology Inc.

PL2303 Datasheet(HTML) 11 Page - Prolific Technology Inc.

Back Button PL2303 Datasheet HTML 7Page - Prolific Technology Inc. PL2303 Datasheet HTML 8Page - Prolific Technology Inc. PL2303 Datasheet HTML 9Page - Prolific Technology Inc. PL2303 Datasheet HTML 10Page - Prolific Technology Inc. PL2303 Datasheet HTML 11Page - Prolific Technology Inc. PL2303 Datasheet HTML 12Page - Prolific Technology Inc. PL2303 Datasheet HTML 13Page - Prolific Technology Inc. PL2303 Datasheet HTML 14Page - Prolific Technology Inc. PL2303 Datasheet HTML 15Page - Prolific Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Revised Date:
March 20, 2012
ds_pl2303HXD_v1.4.4
PL-2303HX (Rev D) Product Datasheet
- 11 -
Document Version 1.4.4
4.0 Pin Assignment Outline
4.1
SSOP28 Package
PL-2303HX (Rev D)
1
TXD
2
DTR_N
3
RTS_N
4
VDD_325
5
RXD
6
RI_N
7
GND
8
NC
9
DSR_N
10
DCD_N
11
CTS_N
12
SHTD_N
13
GP3
14
GP2
28
RESERVED
27
NC
26
TEST
25
GND
24
NC
23
GP1
22
GP0
21
NC
20
VDD_5
19
RESET_N
18
GND
17
VO_33
16
DM
15
DP
Figure 4-1 Pin Assignment Outline of PL-2303HX (Rev D) SSOP28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com