Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL2303 Datasheet(PDF) 20 Page - Prolific Technology Inc.

Part # PL2303
Description  USB to Serial Bridge Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROLIFIC [Prolific Technology Inc.]
Direct Link  http://www.prolific.com.tw
Logo PROLIFIC - Prolific Technology Inc.

PL2303 Datasheet(HTML) 20 Page - Prolific Technology Inc.

Back Button PL2303 Datasheet HTML 16Page - Prolific Technology Inc. PL2303 Datasheet HTML 17Page - Prolific Technology Inc. PL2303 Datasheet HTML 18Page - Prolific Technology Inc. PL2303 Datasheet HTML 19Page - Prolific Technology Inc. PL2303 Datasheet HTML 20Page - Prolific Technology Inc. PL2303 Datasheet HTML 21Page - Prolific Technology Inc. PL2303 Datasheet HTML 22Page - Prolific Technology Inc. PL2303 Datasheet HTML 23Page - Prolific Technology Inc. PL2303 Datasheet HTML 24Page - Prolific Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Revised Date:
March 20, 2013
ds_pl2303HXD_v1.4.4
PL-2303HX (Rev D) Product Datasheet
- 20 -
Document Version 1.4.4
9.2.3 Serial I/O Pins
Table 9-2c VDD_325@3.3V Serial I/O Pins
Parameter
Symbol
Min
Typ
Max
Unit
Output Driving Capability
IDD
8
mA
Power Supply for Serial I/O Pins
VDD_325
2.97
3.3
3.63
V
Input Voltage
Low
High
VIL
VIH
--
0.7* VDD_325
--
--
0.25* VDD_325
--
V
V
Output Voltage
Low
High
VOL
VOH
--
2.4
--
--
0.4
--
V
V
Table 9-2d VDD_325@2.5V Serial I/O Pins
Parameter
Symbol
Min
Typ
Max
Unit
Output Driving Capability
IDD
5.2
mA
Power Supply for Serial I/O Pins
VDD_325
2.25
2.5
2.75
V
Input Voltage
Low
High
VIL
VIH
--
0.7* VDD_325
--
--
0.25* VDD_325
--
V
V
Output Voltage
Low
High
VOL
VOH
--
1.85
--
--
0.4
--
V
V
Table 9-2e VDD_325@1.8V Serial I/O Pins
Parameter
Symbol
Min
Typ
Max
Unit
Output Driving Capability
IDD
4.4
mA
Power Supply for Serial I/O Pins
VDD_325
1.65
1.8
1.95
V
Input Voltage
Low
High
VIL
VIH
--
0.7* VDD_325
--
--
0.25* VDD_325
--
V
V
Output Voltage
Low
High
VOL
VOH
--
1.25
--
--
0.4
--
V
V
9.3
Clock Characteristics
Table 9-3 Clock Characteristics
Parameter
Min
Typ
Max
Units
Frequency of Operation
11.97
12.0
12.03
MHz
Clock Period
83.1
83.3
83.5
ns
Duty Cycle
45
50
55
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com