Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2517FD Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP2517FD
Description  External CAN FD Controller with SPI Interface
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2517FD Datasheet(HTML) 2 Page - Microchip Technology

  MCP2517FD Datasheet HTML 1Page - Microchip Technology MCP2517FD Datasheet HTML 2Page - Microchip Technology MCP2517FD Datasheet HTML 3Page - Microchip Technology MCP2517FD Datasheet HTML 4Page - Microchip Technology MCP2517FD Datasheet HTML 5Page - Microchip Technology MCP2517FD Datasheet HTML 6Page - Microchip Technology MCP2517FD Datasheet HTML 7Page - Microchip Technology MCP2517FD Datasheet HTML 8Page - Microchip Technology MCP2517FD Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 98 page
background image
MCP2517FD
DS20005688B-page 2
 2017-2018 Microchip Technology Inc.
1.0
DEVICE OVERVIEW
The
MCP2517FD
is
a
cost-effective
and
small-footprint CAN FD controller that can be easily
added to a microcontroller with an available SPI
interface. Therefore, a CAN FD channel can be easily
added to a microcontroller that is either lacking a CAN
FD peripheral, or that doesn’t have enough CAN FD
channels.
The MCP2517FD supports both, CAN frames in the
Classical format (CAN2.0B) and CAN Flexible Data
Rate (CAN FD) format, as specified in ISO 11898-
1:2015.
1.1
Block Diagram
Figure 1.1
shows
the
block
diagram
of
the
MCP2517FD. The MCP2517FD contains the following
main blocks:
• The CAN FD Controller module implements the
CAN FD protocol and contains the FIFOs, and Fil-
ters.
• The SPI interface is used to control the device by
accessing SFRs and RAM.
• The RAM controller arbitrates the RAM accesses
between the SPI and CAN FD Controller module.
• The Message RAM is used to store the data of the
Message Objects.
• The oscillator generates the CAN clock.
• The Internal LDO and POR circuit.
• The I/O control.
FIGURE 1-1:
MCP2517FD BLOCK DIAGRAM
Note 1:
This data sheet summarizes the features
of the MCP2517FD. It is not intended to
be a comprehensive reference source. To
complement the information in this data
sheet, refer to the related section of the
“MCP25xxFD Family Reference Manual”.
I/O
Message
RAM
TXCAN
RXCAN
INT
INT0/GPIO0/XSTBY
RAM
Controller
nCS
SCK
SDI
SDO
INT1/GPIO1
CAN FD
Controller
Module
CLKO/SOF
OSC1
OSC2
Oscillator
VDD
VSS
RX
Filter
POR
Internal
LDO
SPI
Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com