| Electronic Components Datasheet Search |
|
MCP2517FD Datasheet(PDF) 5 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2517FD Datasheet(HTML) 5 Page - Microchip Technology |
|
5 / 98 page ![]() 2017-2018 Microchip Technology Inc. DS20005688B-page 5 MCP2517FD 2.0 CAN FD CONTROLLER MODULE Figure 2-1 shows the main blocks of the CAN FD Controller module: • The CAN FD Controller module has multiple modes: - Configuration - Normal CAN FD - Normal CAN 2.0 -Sleep - Listen Only - Restricted Operation - Internal and External Loop back modes • The CAN FD Bit Stream Processor (BSP) implements the Medium Access Control of the CAN FD protocol described in ISO 11898-1:2015. It serializes and de-serializes the bit stream, encodes and decodes the CAN FD frames, manages the medium access, acknowledges frames, and detects and signals errors. • The TX Handler prioritizes the messages that are requested for transmission by the Transmit FIFOs. It uses the RAM Interface to fetch the transmit data from RAM and provides it to the BSP for transmission. • The BSP provides received messages to the RX Handler. The RX Handler uses the Acceptance Filter to filter out messages that shall be stored into Receive FIFOs. It uses the RAM Interface to store received data into RAM. • Each FIFO can be configured either as a Transmit or Receive FIFO. The FIFO Control keeps track of the FIFO Head and Tail, and calculates the User Address. For a TX FIFO, the User Address points to the address in RAM where the data for the next transmit message shall be stored. For a RX FIFO, the User Address points to the address in RAM where the data of the next receive message shall be read. The User notifies the FIFO that a message was written to or read from RAM by incrementing the Head/Tail of the FIFO. • The Transmit Queue (TXQ) is a special transmit FIFO that transmits the messages based on the ID of the messages stored in the queue. • The Transmit Event FIFO (TEF) stores the message IDs of the transmitted messages. • A free-running Time Base Counter is used to time stamp received messages. Messages in the TEF can also be time stamped. • The CAN FD Controller module generates interrupts when new messages are received or when messages were transmitted successfully. • The Special Function Registers (SFR) are used to control and to read the status of the CAN FD Controller module. FIGURE 2-1: CAN FD CONTROLLER MODULE BLOCK DIAGRAM Note 1: This data sheet summarizes the features of the CAN FD Controller module. It is not intended to be a comprehensive reference source. To complement the information in this data sheet, refer to the related section of the “MCP25xxFD Family Reference Manual”. CAN FD Protocol Bit Stream Processor RAM Interface TX Handler TX Prioritization RX Handler Acceptance Filter TXQ Control TEF Control FIFO Control SFR Interrupt Control Error Handling Diagnostics Time Stamping TBC Mode Control |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |