Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2517FD Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP2517FD
Description  External CAN FD Controller with SPI Interface
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2517FD Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP2517FD Datasheet HTML 16Page - Microchip Technology MCP2517FD Datasheet HTML 17Page - Microchip Technology MCP2517FD Datasheet HTML 18Page - Microchip Technology MCP2517FD Datasheet HTML 19Page - Microchip Technology MCP2517FD Datasheet HTML 20Page - Microchip Technology MCP2517FD Datasheet HTML 21Page - Microchip Technology MCP2517FD Datasheet HTML 22Page - Microchip Technology MCP2517FD Datasheet HTML 23Page - Microchip Technology MCP2517FD Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 98 page
background image
MCP2517FD
DS20005688B-page 20
 2017-2018 Microchip Technology Inc.
REGISTER 3-3:
CRC – CRC REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
R/W-0
R/W-0
—
—
—
—
—
—
FERRIE
CRCERRIE
bit 31
bit 24
U-0
U-0
U-0
U-0
U-0
U-0
HS/C-0
HS/C-0
—
—
—
—
—
—
FERRIF
CRCERRIF
bit 23
bit 16
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
CRC<15:8>
bit 15
bit 8
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
CRC<7:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 31-26
Unimplemented:
Read as ‘0’
bit 25
FERRIE:
CRC Command Format Error Interrupt Enable
bit 24
CRCERRIE:
CRC Error Interrupt Enable
bit 23-18
Unimplemented:
Read as ‘0’
bit 17
FERRIF:
CRC Command Format Error Interrupt Flag
1
= Number of Bytes mismatch during “SPI with CRC” command occurred
0
= No SPI CRC command format error occurred
bit 16
CRCERRIF:
CRC Error Interrupt Flag
1
= CRC mismatch occurred
0
= No CRC error has occurred
bit 15-0
CRC<15:0>:
Cycle Redundancy Check from last CRC mismatch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com