Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKTF6708 Datasheet(PDF) 132 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 132 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 128Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 129Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 130Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 131Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 132Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 133Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 134Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 135Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 136Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 158 page
background image
eKTF6708
8-Bit Microcontroller
122
IC Product Specification (V1.2) 03.12.2020
(This specification is subject to change without prior notice)
6.13 HLVD (High / Low Voltage Detector)
R_BANK
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit0
Bank 1
0x49
HLVDCR
HLVDEN IRVSF
VDSB
VDM
HLVDS1
HLVDS0
R/W
R
R
R/W
R/W
R/W
Bank 0
0x14
SFR
LVDSF
R/W
Bank 0
0x1B
IMR
LVDIE
R/W
Bank 0
0x10
WUCR
LVDWK
R/W
Under unstable power source condition, such as external power noise interference or EMS
test condition, a violent power vibration could occur. At the time, the VDD could become
unstable as it could be operating below working voltage. When the system supply voltage
(VDD) is below operating voltage, the IC kernel will automatically keep all register status.
The following steps are needed to set up the HLVD function:
1. Set the H
LVDEN to “1”, then use Bits 1~0 (HLVDS1~HLVDS0) of Register Bank R to set
the HLVD interrupt level
2. Wait for HLVD interrupt to occur
3. Clear the HLVD interrupt flag
The internal HLVD module uses the internal circuit to fit. When user set the HLVDEN to
enable the HLVD module, the current consumption will increase to
A.
During sleep mode, the HLVD module continues to operate. If the device voltage drops
slowly and crosses the detect point. The LVDSF bit will be set and the device will not wake
up from Sleep mode. Until another wake-up source wakes up eKTF6708, the HLVD
interrupt flag is still set as the prior status.
When the system resets, the HLVD flag will be cleared.
The Figure 6-30 shows the HLVD module to detect the external voltage situation.
When VDD drops above VLVD, LVDSF remain
at “0”.
When VDD drops below VDB, LVDS
F set to “1”. If global ENI enable, LVDSF will be set to
“1”, the next instruction will branch to the interrupt vector. The HLVD interrupt flag is
cleared
to “0” by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com