Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKTF6708 Datasheet(PDF) 134 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 134 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 130Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 131Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 132Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 133Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 134Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 135Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 136Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 137Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 138Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 158 page
background image
eKTF6708
8-Bit Microcontroller
124
IC Product Specification (V1.2) 03.12.2020
(This specification is subject to change without prior notice)
6.14 Enhance Protect
R_BANK
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bank 2
0x47
LOCKPR
LOCKPR[5:0]
R/W
Bank 2
0x48
LOCKCR
LOCKEN
R/W
The
eKTF6708 supports a protect function to prevent source code from overwriting and reading. When the
instruction TBRDA/TBRD/TBWR is executed at a protected area, it can write or read all flash ROM. When
the instruction TBRDA/TBRD/TBWR is executed at an unprotected area, it writes or reads the ROM at
unprotected areas only.
6.14.1
Enhance Protect Programming
The Enhance Protect operates as follows:
1.
Set LOCKEN.
2.
Write 0xC5 into FLKR.
3.
Write LOCKPR to set protection range.
*Instruction “TBRDA/TBRD/TBWR” cannot be writing at the end of protect area
*The basic unit of LOCKPR is 128 words.
*When using TBWR instruction, the code option “TBWEN” must be enabled.
ORG 0x0000
ORG 0x007F
Flash ROM
Unprotect Area
Protect Area
ORG 0x0080
ORG 0x00FF
ORG 0x0100
ORG 0x17FF
TBRDA/TBRD/TBWR
Can access all flash ROM
TBRDA/TBRD/TBWR
Access flash ROM at unprotect
area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com