Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKTF6708 Datasheet(PDF) 138 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 138 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 134Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 135Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 136Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 137Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 138Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 139Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 140Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 141Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 142Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 158 page
background image
eKTF6708
8-Bit Microcontroller
128
IC Product Specification (V1.2) 03.12.2020
(This specification is subject to change without prior notice)
6.19 Residue-Voltage Protection
When the battery is replaced, device power (VDD) is taken off but residue-voltage
remains. The residue-voltage may trip below VDD minimum, but not to zero. This
condition may cause a poor power-on reset. Figures 6-16a and 6-16b show how to
accomplish a proper residue-voltage protection circuit.
/RESET
VDD
100K
Q1
1N4684
10K
33K
VDD
Figure 6-16a Circuit 1 for Residue Voltage Protection
/RESET
VDD
Q1
VDD
R3
R2
R1
Figure 6-16b Circuit 2 for Residue Voltage Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com