Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKTF6708 Datasheet(PDF) 140 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 140 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 136Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 137Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 138Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 139Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 140Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 141Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 142Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 143Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 144Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 158 page
background image
eKTF6708
8-Bit Microcontroller
130
IC Product Specification (V1.2) 03.12.2020
(This specification is subject to change without prior notice)
0: Low power consumption, apply to working frequency at 4 MHz or below
1: High power consumption, apply to working frequency above 4 MHz
Bits 8~7 (LVR1~LVR0): Low voltage reset enable bit.
LVR1, LVR0
*VDD Reset Level
VDD Release Level
11
NA (Power on reset) (default)
10
4.3V
4.5V
01
3.5V
3.7V
00
2.3V
2.5V
Note *: If VDD < 2.3V and keep about 5µs, IC will be reset.
If VDD < 3.5V and keep about 5µs, IC will be reset.
If VDD < 4.3V and keep about 5µs, IC will be reset.
Bit 6 (RESETEN): P51//RESET pin selection bit
0: Enable, /RESET pin.
1: Disable, P51 pin (default)
Bit 5 (ENWDT): WDT enable bit
0: Enable
1: Disable (default)
Bit 4 (NRHL): noise rejection high/low pulse defined bit.
0: pulses equal to 8/fc [s] is regarded as signal
1: pulses equal to 32/fc [s] is regarded as signal (default)
Bit 3 (NRE): noise rejection enable bit
0: Disable.
1: Enable (default)
Note *: In Green, Idle, and Sleep modes the noise rejection circuit is always disabled.
Bits 2~0: Not used, set to "1" all the time.
6.20.2 Code Option Register (Word 1)
Word 1
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Mnemonic
-
-
FSS
0
Low
Low
32K
Low
Low
Low
Low
Low
1
High
High
16K
High
High
High
High
High
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mnemonic
-
-
RCM1
RCM0
OSC0
RCOUT
0
Low
Low
Low
Low
Low
Low
Low
Low
1
High
High
High
High
High
High
High
High
Bits 15~14: Not used, set to "1" all the time.
Bits 13 (FSS): Sub-oscillator mode selection bits
0: Fs is 32kHz
1: Fs is 16kHz
Note: WDT frequency is always 16kHz whatever the FSS bits are set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com