Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKTF6708 Datasheet(PDF) 139 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 139 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 135Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 136Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 137Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 138Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 139Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 140Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 141Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 142Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 143Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 158 page
background image
eKTF6708
8-Bit Microcontroller
IC Product Specification (V1.2) 03.12.2020
 129
(This specification is subject to change without prior notice)
6.20 Code Option
6.20.1 Code Option Register (Word 0)
Word 0
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Mnemonic
-
-
IRCWUT
IODG1
IODG0
HLFS
HLP
LVR1
0
Low
Low
32 clks
Low
Low
Green
Low
Low
1
High
High
8 clks
High
High
Normal
High
High
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mnemonic
LVR0
RESETEN
ENWDT
NRHL
NRE
-
-
-
0
Low
/RST
Enable
8/fc
Disable
Low
Low
Low
1
High
P51
Disable
32/fc
Enable
High
High
High
Bits 15~14: Not used, set to "1" all the time.
Bit 13 (IRCWUT): IRC Warm Up time
0: 32 clocks
1: 8 clocks (default)
CPU mode
switch
IRC Frequency
POR/LVR
Waiting time before CPU starting to
work
PERCS = 1
PERCS = 0
Green -> Normal
4M, 8M
16ms + WSTO + 8/32
clocks
(main frequency)
WSTO + (8/32) clocks@4M&8M
WSTO + 32 clocks@12M&16M
(main frequency)
12M, 16M
Idle -> Normal
4M, 8M, 12M, 16M
WSTO + 3 clocks
(sub frequency 32KHz)
Sleep -> Normal
WSTO + 6 clocks
(sub frequency 32KHz)
Idle -> Green
32KHz
16ms + WSTO + 3 clocks
(sub frequency)
WSTO + 3 clocks
(sub frequency 32KHz)
Sleep -> Green
WSTO + 6 clocks
(sub frequency 32KHz)
Bits 12~11 (IODG1~IODG0): I2C pin deglitch time select bits.
IODG1~0 SPI pin deglitch time I2C pin deglitch time
UART pin deglitch time OCD pin deglitch time
11
typical delay=8ns
50ns@5v,Min.(default)
50ns@5v,Min.(default)
20ns@5v,Typical(defau
lt)
10
typical delay=15ns
100ns@5v,Min.
200ns@5v,Min.
01
typical delay=25ns
150ns@5v,Min.
400ns@5v,Min.
00
no deglitch
no deglitch
no deglitch
no deglitch
Bit 10 (HLFS): Reset to Normal or Green Mode Select Bit
0: CPU is selected as Green mode when a reset occurs.
1: CPU is selected as Normal mode when a reset occurs (default)
Bit 9 (HLP): Power Consumption Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com