Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKTF6708 Datasheet(PDF) 135 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 135 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 131Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 132Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 133Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 134Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 135Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 136Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 137Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 138Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 139Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 158 page
background image
eKTF6708
8-Bit Microcontroller
IC Product Specification (V1.2) 03.12.2020
 125
(This specification is subject to change without prior notice)
6.15 In Application Programing
R_BANK
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bank 1
0x4D
TBWCR
IALVF IAPEN
R
R/W
Bank 1
0x4E
TBWAL
TBWA[7:0]
R/W
R/W
R/W
R
R
R
R
R
Bank 1
0x4F
TBWAH
TBWA[12:8]
R/W
R/W
R/W
R/W
R/W
The
eKTF6708 supports In-Application Programming. It copies data from RAM to ROM and overwrites
32-word flash ROM.
6.15.1
In Application Programming
The IAP operates as follows:
1.
Set Code Option Word 2[TBWEN].
2.
Move the data you wish to save in flash into RAM.
3.
Set TBWAH/ TBWAL register with programming address.
4.
Enable IAP mode by setting TBWCR[IAPEN].
5.
Write 0xB4 to FLKR register.
6.
Execute TBWR instruction then the data will be written ROM.
*The basic unit of IAP is 32 words, the programming address bit0~4 are Read-Only.
RAM
BANK 7
0x80 Data_1[7:0]
0x81 Data_1[15:8]
0xBF
0xBE
TBWR
ROM
TBWA
Data_1[15:0]
TBWA+1
TBWA+30
TBWA+31
Data_2[15:0]
Data_31[15:0]
Data_32[15:0]
Data_32[7:0]
Data_32[15:8]
NOTE
Execute written ROM, Voltage must greater than 2.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com