Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKTF6708 Datasheet(PDF) 136 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 136 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 132Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 133Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 134Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 135Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 136Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 137Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 138Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 139Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 140Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 158 page
background image
eKTF6708
8-Bit Microcontroller
126
IC Product Specification (V1.2) 03.12.2020
(This specification is subject to change without prior notice)
6.16 Oscillator
6.16.1 Oscillator Modes
The eKTF6708 can be operated in the one oscillator mode, i.e., Internal RC oscillator
mode (IRC). Users need to set the main-oscillator modes by selecting the OSC0, and set
sub-oscillator modes by selecting the FSS in the Code Option register to complete the
overall oscillator mode setting.
Main-Oscillator Modes Defined By OSC0
Main-Oscillator Mode
OSC0
IRC (Internal RC oscillator mode; default)
RCOUT (P50) acts as I/O pin
1
IRC (Internal RC oscillator mode)
RCOUT (P50) acts as clock output pin
0
Summary of Maximum Operating Speeds
Conditions
VDD
Fxt Max. (MHz)
Two cycles with two clocks
2
3
5
16.0
16.0
16.0
6.16.2 Internal RC Oscillator Mode
The eKTF6708 offers a versatile internal RC mode with default frequency value of
4 MHz. The Internal RC oscillator mode has other frequencies (8 MHz, 12 MHz and 16
MHz) that can be set by Code Option; RCM1~RCM0. The Table below describes a typical
drift rate of the calibration.
Internal RC Drift Rate
Internal RC
Frequency
Touch
Key
Frequency
Drift Rate
Temperature(-40℃
~+85℃) +
Voltage(2V~5.5V)
Process
Total
4MHz
24MHz
±1.3%
±0.7%
±2%
8MHz
24MHz
±1.3%
±0.7%
±2%
12MHz
24MHz
±1.3%
±0.7%
±2%
16MHz
16MHz
±1.3%
±0.7%
±2%
Note:
These are theoretical values intended for reference only. Actual values may vary depending
on actual conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com