Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKTF6708 Datasheet(PDF) 137 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 137 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 133Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 134Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 135Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 136Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 137Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 138Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 139Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 140Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 141Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 158 page
background image
eKTF6708
8-Bit Microcontroller
IC Product Specification (V1.2) 03.12.2020
 127
(This specification is subject to change without prior notice)
6.17 Power-On Considerations
Any microcontroller is not guaranteed to start to operate properly before the power supply
reaches its steady state. The eKTF6708 is equipped with a Power-on Voltage Detector
(POVD) with a detection level of 1.7V. It will work well if Vdd rises fast enough (50 ms or
less). However, in critical applications, extra devices are still required to assist in solving
power-up problems.
6.18 External Power-on Reset Circuit
The circuits diagram in Figure 6-15 implements an external RC to generate the reset pulse.
The pulse width (time constant) should be kept long enough for VDD to reach minimum
operational voltage. Apply this circuit when the power supply has slow rise time. Since the
current leakage from the /RESET pin is about
 5 A, it is recommended that R should not
be greater than 40KΩ in order for the /RESET pin voltage to remain at below 0.2V. The
diode (D) functions as a short circuit at the instant of power down. The capacitor (C) will
discharge rapidly and fully. The current-limited resistor (Rin) will prevent high current or
ESD (electrostatic discharge) from flowing into /RESET pin.
/RESET
VDD
D
R
Rin
C
Figure 6-15
External Power-Up Reset Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com