Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKTF6708 Datasheet(PDF) 141 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 141 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 137Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 138Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 139Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 140Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 141Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 142Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 143Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 144Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 145Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 158 page
background image
eKTF6708
8-Bit Microcontroller
IC Product Specification (V1.2) 03.12.2020
 131
(This specification is subject to change without prior notice)
Bits 12~10: Not used, set to "1" all the time.
Bits 9~8: Not used, set to "0" all the time.
Bits 7~6: Not used, set to "1" all the time.
Bits 5~4 (RCM1~RCM0): IRC frequency selection.
* Corresponding with control register Bank0 RE RCM1~RCM0
RCM1
RCM0
Frequency (MHz)
1
1
4(default)
1
0
8
0
1
12
0
0
16
Bits 3~2: Not used, set to "1" all the time.
Bit 1 (OSC0): Main-oscillator mode selection bits.
Main-Oscillator Mode
OSC0
IRC (Internal RC oscillator mode) (default)
RCOUT (P50) acts as I/O pin
1
IRC (Internal RC oscillator mode)
RCOUT (P50) acts as clock output pin
0
Bit 0 (RCOUT): System Clock Output Enable Bit in IRC mode
0: OSCO pin is open-drain
1: OSCO output instruction cycle time (default)
6.20.3 Code Option Register (Word 2)
Word 2
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Mnemonic
-
SHEN
SHCLK1
SHCLK0
-
-
-
-
0
Low
Disable
Low
Low
Low
Low
Low
Low
1
High
Enable
High
High
High
High
High
High
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mnemonic
-
-
-
I2COPT
-
-
-
-
0
Low
Low
Low
Low
Low
Low
Low
Low
1
High
High
High
High
High
High
High
High
Bit 15: Not used, set to "1" all the time.
Bit 14 (SHEN): System hold enable bit.
0: Disable
1: Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com