Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV4530 Datasheet(PDF) 7 Page - Analog Devices

Part # ADMV4530
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADMV4530 Datasheet HTML 3Page - Analog Devices ADMV4530 Datasheet HTML 4Page - Analog Devices ADMV4530 Datasheet HTML 5Page - Analog Devices ADMV4530 Datasheet HTML 6Page - Analog Devices ADMV4530 Datasheet HTML 7Page - Analog Devices ADMV4530 Datasheet HTML 8Page - Analog Devices ADMV4530 Datasheet HTML 9Page - Analog Devices ADMV4530 Datasheet HTML 10Page - Analog Devices ADMV4530 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 59 page
background image
Data Sheet
ADMV4530
Rev. A | Page 7 of 59
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
VCC_DRV, VCC_AMP, and VCC2_DRV
5 V
VCC_IF, VCC2_IF, VCC_VVA, VCC_MIXER,
VCC_DOUBLER, VCC_BG
4.3 V
VCC_VCO, VCC_DIV, VCC_LDO, VCC_CP
3.6 V
VCC_1P8V
2.3 V
REF_IN to GND
−0.3 V to +2.1 V
Input Power
IF
10 dBm
I/Q
5 dBm
Temperature
Junction
125°C
Lifetime at Maximum Junction (TJ)
106 hours
Operating Range
−40°C to +85°C
Storage Range
−55°C to +150°C
Lead Range (Soldering 60 sec)
260°C
Moisture Sensitivity Level (MSL) Rating
MSL3
Electrostatic Discharge (ESD) Sensitivity
Human Body Model (HBM)
1000 V
Field Induced Charged Device
Model (FICDM)
1000 V
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJA is the natural convection junction to ambient thermal
resistance measured in a one cubic foot sealed enclosure.
θJC is the junction to case thermal resistance.
Only use θJA and θJC to compare the thermal performance of
different packages when all test conditions listed are similar to
JEDEC specifications. Otherwise, use ΨJT and ΨJB to calculate
the device junction temperature using the following equations:
TJ = (P × ΨJT) + TTOP
(1)
where:
P is the total power dissipation in the chip (W).
ΨJT is the junction to top thermal characterization number.
TTOP is package top temperature (°C). TTOP is measured at the
top center of the package.
TJ = (P × ΨJB) + TBOARD
(2)
where:
P is the total power dissipation in the chip (W).
ΨJB is the junction to board thermal characterization number.
TBOARD is the board temperature measured on the midpoint of
the longest side of the package, no more than 1 mm from the
edge of the package body (°C).
As stated in JEDEC51-12, only use Equation 1 and Equation 2
when no heat sink or heat spreader is present. When a heat sink
or heat spreader is added, use θJC_TOP or θJC_BOT to estimate or
calculate the junction temperature.
Table 5. Thermal Resistance
Package Type
θJC_BOT1
θJC_TOP1
ΨJT
ΨJB
θJA
Unit
CC-40-8
5.9
12.8
3.0
8.5
28.2
°C/W
1
See JEDEC Standard JESD51-2 for additional information on optimizing the
thermal impedance.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com