Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV4530 Datasheet(PDF) 9 Page - Analog Devices

Part # ADMV4530
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADMV4530 Datasheet HTML 5Page - Analog Devices ADMV4530 Datasheet HTML 6Page - Analog Devices ADMV4530 Datasheet HTML 7Page - Analog Devices ADMV4530 Datasheet HTML 8Page - Analog Devices ADMV4530 Datasheet HTML 9Page - Analog Devices ADMV4530 Datasheet HTML 10Page - Analog Devices ADMV4530 Datasheet HTML 11Page - Analog Devices ADMV4530 Datasheet HTML 12Page - Analog Devices ADMV4530 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
Data Sheet
ADMV4530
Rev. A | Page 9 of 59
Pin No.
Mnemonic
Description
25
PD
Power-Down, 3.3 V Logic. Active high.
26
CPOUT
Charge Pump Output. Connect this pin to VTUNE (Pin 20) through the loop filter.
27
CS
SPI Chip Select. 3.3 V logic. Active low.
28
SDI
SPI Data Input. 3.3 V logic.
29
SCLK
SPI Clock. 3.3 V logic.
30
SDO
SPI Data Output. 3.3 V logic.
31
CREG
External Capacitor for the Low Dropout (LDO) Regulator Output. Place a 0.1 µF decoupling
capacitor close to this pin.
32
VCC_LDO
Supply Voltage for the Internal LDO Regulator, 3.3 V. Place a 1 µF decoupling capacitor close
to this pin.
33
VCC_CP
Supply Voltage for the Charge Pump, 3.3 V. Place a 1 µF decoupling capacitor close to this pin.
34
RST
Reset. 3.3 V logic. Active low.
35
REF_IN
PLL Reference Input. Apply an external reference signal to this pin with a 0.01 µF, dc blocking
capacitor. Refer to Figure 91 for the external reference input configuration.
36
VCC_1P8V
Supply Voltage for the SPI Block, 1.8 V. Place a 1 µF decoupling capacitor close to this pin.
37, 39
GND
Ground. Connect these pins to RF and dc ground.
38
RFOUT
RF Output. This pin has a 50 Ω output impedance.
EPAD
Exposed Pad. Connect the exposed pad to RF and dc ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com