Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV4530 Datasheet(PDF) 18 Page - Analog Devices

Part # ADMV4530
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADMV4530 Datasheet HTML 14Page - Analog Devices ADMV4530 Datasheet HTML 15Page - Analog Devices ADMV4530 Datasheet HTML 16Page - Analog Devices ADMV4530 Datasheet HTML 17Page - Analog Devices ADMV4530 Datasheet HTML 18Page - Analog Devices ADMV4530 Datasheet HTML 19Page - Analog Devices ADMV4530 Datasheet HTML 20Page - Analog Devices ADMV4530 Datasheet HTML 21Page - Analog Devices ADMV4530 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 59 page
background image
ADMV4530
Data Sheet
Rev. A | Page 18 of 59
10
12
14
16
28
26
24
30
20
22
18
SUPPLY VOLTAGE (V)
1.70
3.1
3.8
VCC = 1.8V
VCC = 3.3V
VCC = 4.0V
1.90
3.5
4.2
1.85
3.4
4.1
1.80
3.3
4.0
1.75
3.2
3.9
TA = +85°C
TA = +25°C
TA = –40°C
Figure 51. Output P1dB vs. Supply Voltage over Temperature
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
28.0
28.2
28.4
28.6
28.8
29.0
29.2
29.4
29.6
29.8
30.0
RF FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
LINEAR
COMPRESSION
Figure 52. Power Consumption vs. RF Frequency over Temperature at
Linear and Compression POUT
VCTR_IF (V)
10
12
14
16
18
20
22
24
26
28
30
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
3.3
TA = +85°C
TA = +25°C
TA = –40°C
Figure 53. Output P1dB vs. VCTR_IF over Temperature
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
VCTR_IF (V)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 54. Power Consumption vs. VCTR_IF over Temperature at
Compression POUT
0
–70
–60
–30
–40
–10
–50
–20
27.0
31.0
29.4
30.2
30.6
29.0
29.8
28.6
28.2
27.8
27.4
RF FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 55. Sideband Rejection vs. RF Frequency over Temperature, Calibrated
with RF Frequency = 30 GHz, IF Mode, VCTR_RF = 1.8 V, TA = 25°C
28.0
30.0
29.2
29.6
29.8
29.0
29.4
28.8
28.6
28.4
28.2
0
–30
–10
–40
–20
–25
–5
–35
–15
LO FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
UNCALIBRATED
CALIBRATED
Figure 56. LO to RF Feethrough vs. LO Frequency, Calibrated at TA = 25°C and
Not Calibrated, over Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com