Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV4530 Datasheet(PDF) 8 Page - Analog Devices

Part # ADMV4530
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADMV4530 Datasheet HTML 4Page - Analog Devices ADMV4530 Datasheet HTML 5Page - Analog Devices ADMV4530 Datasheet HTML 6Page - Analog Devices ADMV4530 Datasheet HTML 7Page - Analog Devices ADMV4530 Datasheet HTML 8Page - Analog Devices ADMV4530 Datasheet HTML 9Page - Analog Devices ADMV4530 Datasheet HTML 10Page - Analog Devices ADMV4530 Datasheet HTML 11Page - Analog Devices ADMV4530 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
ADMV4530
Data Sheet
Rev. A | Page 8 of 59
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
21
22
23
24
25
26
27
28
29
30
11 12 13 14 15 16 17 18 19 20
31
32
33
34
35
36
37
38
39
40
EXT_CAP_N
NOTES
1. NC = NO CONNECTION.
2. EXPOSED PAD. CONNECT THE EXPOSED PAD
TO RF AND DC GROUND.
VCC_DRV
NC
NC
VCTR_RF
QP
QN
VCC_IF
IP
IN
ADMV4530
TOP VIEW
(Not to Scale)
VCC_BG
SDO
SCLK
SDI
CS
PD
CPOUT
VCC_DIV
VCC_VCO
VG_VCO
Figure 2. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 12, 40
VCC_DRV, VCC_AMP,
VCC2_DRV
Supply Voltages for the RF Output Driver, 4.0 V. Place a 1 µF decoupling capacitor close to
each pin.
2, 3, 14
NC
No Connection.
4
VCTR_RF
RF Gain Control, 0 V to 1.8 V.
5, 6, 8, 9
QN, QP, IP, IN
Differential Quadrature Baseband Inputs. These 50 Ω differential impedance inputs can be
common-mode dc biased from 0 V to 2.5 V.
7, 16
VCC_IF, VCC2_IF
Supply Voltages for the IF and Baseband Inputs, 3.3 V. Place a 1 µF decoupling capacitor close
to each pin.
10
EXT_CAP_N
IF Gain Control Capacitor Negative Terminal. To adjust the IF gain manually, this pin must be
driven externally when the AGC functionality is disabled, 0 V to 3.3 V. Note that VCTR_IF is the
voltage applied to the EXT_CAP_x pins.
11
EXT_CAP_P
IF Gain Control Capacitor Positive Terminal. Note that VCTR_IF is the voltage applied to the
EXT_CAP_x pins.
13
VCC_VVA
Supply Voltage for the Variable Gain Amplifier, 1.8 V. Place a 1 µF decoupling capacitor close
to this pin.
15
VCC_MIXER
Supply Voltage for the Mixer, 3.3 V. Place a 1 µF decoupling capacitor close to this pin.
17
VCC_DOUBLER
Supply Voltage for the Internal 2× Multiplier, 3.3 V. Place a 1 µF decoupling capacitor close to
this pin.
18
IF
IF Input. This pin has a 50 Ω input impedance.
19
RBIAS
Resistor Band Gap Reference Bias. Place a precision 680 Ω resistor to ground at this pin.
20
VTUNE
VCO Tune Port, 0.5 V to 2.8 V. This pin is driven by the output of the loop filter.
21
VCC_BG
Supply Voltage for the Internal Band Gap, 3.3 V. Place a 1 µF decoupling capacitor close to this pin.
22
VG_VCO
VCO Gate Decoupling. Place a 10 µF decoupling capacitor at this pin.
23
VCC_VCO
Supply Voltage for the VCO, 3.3 V. Place a 1 µF decoupling capacitor close to this pin.
24
VCC_DIV
Supply Voltage for Fractional-N PLL, 3.3 V. Place a 1 µF decoupling capacitor close to this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com