Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV4530 Datasheet(PDF) 20 Page - Analog Devices

Part # ADMV4530
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADMV4530 Datasheet HTML 16Page - Analog Devices ADMV4530 Datasheet HTML 17Page - Analog Devices ADMV4530 Datasheet HTML 18Page - Analog Devices ADMV4530 Datasheet HTML 19Page - Analog Devices ADMV4530 Datasheet HTML 20Page - Analog Devices ADMV4530 Datasheet HTML 21Page - Analog Devices ADMV4530 Datasheet HTML 22Page - Analog Devices ADMV4530 Datasheet HTML 23Page - Analog Devices ADMV4530 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 59 page
background image
ADMV4530
Data Sheet
Rev. A | Page 20 of 59
RETURN LOSS AND LEAKAGES
VCC_DRV = VCC_AMP = VCC2_DRV = 4 V, VCC_IF = VCC2_IF = VCC_VVA = VCC_MIXER = VCC_DOUBLER = VCC_VCO =
VCC_DIV = VCC_LDO = VCC_CP = 3.3 V, VCC_1P8V = 1.8 V, TA = +25°C, −40°C, and +85°C, VCTR_RF = 1.8 V, and VCTR_IF =
0 V, unless otherwise noted.
0
–35
–15
–5
–25
–20
–30
–10
27.0
31.0
29.4
30.2
30.6
29.0
29.8
28.6
28.2
27.8
27.4
RF FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 60. Output Return Loss vs. RF Frequency over Temperature
0
–25
–15
–5
–20
–10
I/Q FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
S11 QN (dB)
S11 QP (dB)
S11 IP (dB)
S11 IN (dB)
Figure 61. I/Q Inputs Return Loss vs. I/Q Frequency, Single-Ended over
Temperature (S11 Is Return Loss)
0
–70
–50
–10
–20
–30
–60
–40
25
31
30
29
28
27
26
LO FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 62. LO to RF Feedthrough vs. LO Frequency, Uncalibrated over
Temperature
0
–20
–16
–8
–2
–12
–4
–18
–10
–14
–6
1.0
3.8
5.0
4.6
4.2
3.0
3.4
2.6
2.2
1.8
1.4
IF FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 63. IF Input Return Loss vs. IF Frequency over Temperature
0
–30
–25
–15
–5
–20
–10
I/Q FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
SD11 Q (dB)
SD11 I (dB)
Figure 64. I/Q Inputs Return Loss vs. I/Q Frequency, Differential over
Temperature (SD11 Is Differential Return Loss)
0
–60
–50
–30
–10
–40
–20
0
1.4
1.8
1.6
1.0
1.2
0.8
0.6
0.4
0.2
VCTR_RF (V)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 65. LO to RF Feedthrough vs. VCTR_RF , Uncalibrated over Temperature,
LO Frequency = 29 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com