Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV4530 Datasheet(PDF) 1 Page - Analog Devices

Part # ADMV4530
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530 Datasheet(HTML) 1 Page - Analog Devices

  ADMV4530 Datasheet HTML 1Page - Analog Devices ADMV4530 Datasheet HTML 2Page - Analog Devices ADMV4530 Datasheet HTML 3Page - Analog Devices ADMV4530 Datasheet HTML 4Page - Analog Devices ADMV4530 Datasheet HTML 5Page - Analog Devices ADMV4530 Datasheet HTML 6Page - Analog Devices ADMV4530 Datasheet HTML 7Page - Analog Devices ADMV4530 Datasheet HTML 8Page - Analog Devices ADMV4530 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
Dual-Mode, Ka Band Upconverter with
Integrated Fractional-N PLL and VCO
Data Sheet
ADMV4530
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
RF output frequency range: 27 GHz to 31 GHz
Two upconversion modes
Direct upconversion from differential baseband I/Q (I/Q mode)
Single upper sideband upconversion (IF mode)
1 dB bandwidth: 500 MHz (I/Q mode)
Input frequency range: 2 GHz to 3 GHz (IF mode)
Matched, 50 Ω, single-ended RF output
Matched, 50 Ω, single-ended IF input
Programmable baseband I/Q common mode-voltage
Sideband rejection and carrier feedthrough optimization
Combined RF and IF gain dynamic range: 70 dB
Programmable automatic IF gain control
Programmable via 3-wire or 4-wire SPI
40-terminal, 6 mm × 6 mm, RoHS compliant LGA
APPLICATIONS
Satellite communication
Point to point microwave communication
GENERAL DESCRIPTION
The ADMV4530 is a highly integrated upconverter with an
inphase/quadrature (I/Q) mixer that is ideally suited for next
generation Ka band satellite communications.
An integrated low phase noise, fractional-N phase-locked loop
(PLL) with a voltage controlled oscillator (VCO) and internal
2× multiplier generate the necessary on-chip local oscillator
(LO) signal for the I/Q mixer, eliminating the need for external
frequency synthesis. The VCO uses an internal autocalibration
routine that allows the PLL to select the necessary settings and
locks in approximately 100 µs.
The single-ended reference input to the PLL operates up to
500 MHz and features internal reference dividers and a multiplier
for added flexibility. Additionally, the phase frequency detector
(PFD) comparison frequency can be up to 250 MHz for integer
mode and 160 MHz for fraction-N mode.
The upconverter consists of an I/Q mixer that can operate in
either I/Q mode with 500 MHz of bandwidth or in IF mode up
to 3 GHz of bandwidth, which allows various radio architectures
and backward compatibility with legacy systems.
Immediately following the I/Q mixer are stages of gain and
variable attenuation. The configuration can achieve a minimum
1 dB compression point (P1dB) compression point of 19 dBm,
eliminating the need for external stages of gain.
A programmable 4-wire serial port interface (SPI) allows
adjustment of the quadrature phase for optimum sideband
suppression. In addition, the SPI allows nulling of LO feedthrough
in IF mode. In I/Q mode, the LO feedthrough can be nulled by
applying external dc offset to the differential baseband I/Q inputs.
An IF automatic gain control (AGC) adjusts the IF variable
gain amplifier (VGA) to compensate for input power variations.
During normal operation, this AGC feature can be enabled or
disabled via the SPI. When disabled during normal operation,
the AGC feature only works on a test tone during power-down
mode to track temperature variations.
The ADMV4530 upconverter comes in a RoHs compliant,
6 mm × 6 mm, 40-terminal land grid array (LGA) package.
The ADMV4530 operates over the −40°C to +85°C case
temperature range.


Similar Part No. - ADMV4530

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMV4540 AD-ADMV4540 Datasheet
4Mb / 54P
K Band Quadrature Demodulator with Integrated Fractional-N PLL and VCO
10/2021-Revision 0
ADMV4540-EVALZ AD-ADMV4540-EVALZ Datasheet
4Mb / 54P
K Band Quadrature Demodulator with Integrated Fractional-N PLL and VCO
10/2021-Revision 0
ADMV4540ACCZ AD-ADMV4540ACCZ Datasheet
4Mb / 54P
K Band Quadrature Demodulator with Integrated Fractional-N PLL and VCO
10/2021-Revision 0
ADMV4540ACCZ-RL7 AD-ADMV4540ACCZ-RL7 Datasheet
4Mb / 54P
K Band Quadrature Demodulator with Integrated Fractional-N PLL and VCO
10/2021-Revision 0
More results

Similar Description - ADMV4530

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC830LP6GE AD-HMC830LP6GE Datasheet
1Mb / 14P
Fractional-N PLL with Integrated VCO
HMC832A AD-HMC832A Datasheet
1Mb / 48P
Fractional-N PLL with Integrated VCO
Nov-2015
HMC764LP6CE AD-HMC764LP6CE Datasheet
1Mb / 14P
FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC765LP6CE AD-HMC765LP6CE Datasheet
1Mb / 14P
FRACTIONAL-N PLL WITH INTEGRATED VCO,
HMC767LP6CE AD-HMC767LP6CE Datasheet
1,020Kb / 8P
FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC807LP6CE AD-HMC807LP6CE Datasheet
1Mb / 14P
FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC826LP6CE AD-HMC826LP6CE Datasheet
682Kb / 10P
FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC828LP6CE AD-HMC828LP6CE Datasheet
676Kb / 10P
FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC837LP6CE AD-HMC837LP6CE Datasheet
777Kb / 12P
FRACTIONAL-N PLL WITH INTEGRATED VCO
ADMV4420 AD-ADMV4420 Datasheet
1Mb / 61P
K Band Downconverter with Integrated Fractional-N PLL and VCO
4/2019-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com