Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV4530 Datasheet(PDF) 12 Page - Analog Devices

Part # ADMV4530
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADMV4530 Datasheet HTML 8Page - Analog Devices ADMV4530 Datasheet HTML 9Page - Analog Devices ADMV4530 Datasheet HTML 10Page - Analog Devices ADMV4530 Datasheet HTML 11Page - Analog Devices ADMV4530 Datasheet HTML 12Page - Analog Devices ADMV4530 Datasheet HTML 13Page - Analog Devices ADMV4530 Datasheet HTML 14Page - Analog Devices ADMV4530 Datasheet HTML 15Page - Analog Devices ADMV4530 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 59 page
background image
ADMV4530
Data Sheet
Rev. A | Page 12 of 59
3.0
1.0
1.4
2.0
2.4
2.8
1.8
1.2
1.6
2.2
2.6
TA = +85°C, LINEAR
TA = +85°C, COMPRESSION
TA = +25°C, LINEAR
TA = +25°C, COMPRESSION
TA = –40°C, LINEAR
TA = –40°C, COMPRESSION
27.0
31.0
29.8
30.2
30.6
29.4
29.0
28.6
28.2
27.8
27.4
RF FREQUENCY (GHz)
Figure 15. Power Consumption vs. RF Frequency over Temperature at Linear
and Compression POUT
3.0
1.0
1.4
2.0
2.4
2.8
1.8
1.2
1.6
2.2
2.6
POUT (W)
TA = +85°C
TA = +25°C
TA = –40°C
VCTR_RF = 1.3V
VCTR_RF = 1.8V
VCTR_RF = 0.9V
Figure 16. Power Consumption vs. POUT over Temperature
0
1.6
1.8
1.2
0.8
1.4
1.0
0.6
0.4
0.2
VCTR_RF (V)
TA = +85°C
TA = +25°C
TA = –40°C
–120
–150
–145
–135
–125
–140
–130
Figure 17. Output Noise Density vs. VCTR_RF over Temperature
–20
–40
–38
–34
–30
–26
–22
–36
–32
–28
–24
27.0
31.0
30.5
30.0
29.5
29.0
28.5
28.0
27.5
RF FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 18. Sideband Rejection vs. RF Frequency over Temperature,
Uncalibrated
TA = +85°C
TA = +25°C
TA = –40°C
–20
–40
–38
–34
–30
–26
–22
–36
–32
–28
–24
SUPPLY VOLTAGE (V)
1.70
3.1
3.8
VCC = 1.8V
VCC = 3.3V
VCC = 4.0V
1.90
3.5
4.2
1.85
3.4
4.1
1.80
3.3
4.0
1.75
3.2
3.9
Figure 19. Sideband Rejection vs. Supply Voltage over Temperature,
Uncalibrated
TA = +85°C
TA = +25°C
TA = –40°C
–20
–40
–38
–34
–30
–26
–22
–36
–32
–28
–24
0
1.6
1.8
1.2
0.8
1.4
1.0
0.6
0.4
0.2
VCTR_RF (V)
Figure 20. Sideband Rejection vs. VCTR_RF over Temperature, Uncalibrated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com