Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 34 Page - NEC

Part # UPD78044F
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 34 Page - NEC

Back Button UPD78044F Datasheet HTML 30Page - NEC UPD78044F Datasheet HTML 31Page - NEC UPD78044F Datasheet HTML 32Page - NEC UPD78044F Datasheet HTML 33Page - NEC UPD78044F Datasheet HTML 34Page - NEC UPD78044F Datasheet HTML 35Page - NEC UPD78044F Datasheet HTML 36Page - NEC UPD78044F Datasheet HTML 37Page - NEC UPD78044F Datasheet HTML 38Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 66 page
background image
µPD78F0034A, 78F0034AY
34
Data Sheet U14040EJ4V0DS
(2) Read/write operation (TA = –40 to +85
°C, VDD = 2.7 to 4.0 V)
(2/3)
Parameter
Symbol
Conditions
MIN.
MAX.
Unit
ASTB high-level width
tASTH
0.3tCY
ns
Address setup time
tADS
30
ns
Address hold time
tADH
10
ns
Input time from address to data
tADD1
(2 + 2n)tCY – 108
ns
tADD2
(3 + 2n)tCY – 120
ns
Output time from RD
↓ to address
tRDAD
0
200
ns
Input time from RD
↓ to data
tRDD1
(2 + 2n)tCY – 148
ns
tRDD2
(3 + 2n)tCY – 162
ns
Read data hold time
tRDH
0ns
RD low-level width
tRDL1
(1.5 + 2n)tCY – 40
ns
tRDL2
(2.5 + 2n)tCY – 40
ns
Input time from RD
↓ to WAIT↓
tRDWT1
tCY – 75
ns
tRDWT2
tCY – 60
ns
Input time from WR
↓ to WAIT↓
tWRWT
tCY – 50
ns
WAIT low-level width
tWTL
(0.5 + 2n)tCY + 10
(2 + 2n)tCY
ns
Write data setup time
tWDS
60
ns
Write data hold time
tWDH
10
ns
WR low-level width
tWRL1
(1.5 + 2n)tCY – 30
ns
Delay time from ASTB
↓ to RD↓
tASTRD
10
ns
Delay time from ASTB
↓ to WR↓
tASTWR
2tCY – 30
ns
Delay time from RD
↑ to ASTB↑ in
tRDAST
0.8tCY – 30
1.2tCY
ns
external fetch
Hold time from RD
↑ to address in
tRDADH
0.8tCY – 30
1.2tCY + 60
ns
external fetch
Write data output time from RD
↑
tRDWD
40
ns
Write data output time from WR
↓
tWRWD
20
120
ns
Hold time from WR
↑ to address
tWRADH
0.8tCY – 30
1.2tCY + 60
ns
Delay time from WAIT
↑ to RD↑
tWTRD
0.5tCY
2.5tCY + 50
ns
Delay time from WAIT
↑ to WR↑
tWTWR
0.5tCY
2.5tCY + 50
ns
Remarks 1. tCY = TCY/4
2. n indicates the number of waits.
3. CL = 100 pF (CL is the load capacitance of the AD0 to AD7, A8 to A15, RD, WR, WAIT, and ASTB
pins.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com