Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 46 Page - NEC

Part # UPD78044F
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 46 Page - NEC

Back Button UPD78044F Datasheet HTML 42Page - NEC UPD78044F Datasheet HTML 43Page - NEC UPD78044F Datasheet HTML 44Page - NEC UPD78044F Datasheet HTML 45Page - NEC UPD78044F Datasheet HTML 46Page - NEC UPD78044F Datasheet HTML 47Page - NEC UPD78044F Datasheet HTML 48Page - NEC UPD78044F Datasheet HTML 49Page - NEC UPD78044F Datasheet HTML 50Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 66 page
background image
µPD78F0034A, 78F0034AY
46
Data Sheet U14040EJ4V0DS
Flash Memory Programming Characteristics (VDD = 2.7 to 5.5 V, VSS = 0 V, VPP = 9.7 to 10.3 V)
(1) Basic characteristics
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Operating frequency
fX
4.0
≤ VDD ≤ 5.5 V
1.0
8.38
MHz
2.7
≤ VDD < 4.0 V
1.0
5.0
MHz
Supply voltage
VDD
Operation voltage when writing
2.7
5.5
V
VPPL
Upon VPP low-level detection
0
0.2VDD
V
VPP
Upon VPP high-level detection
0.8VDD
VDD
1.2VDD
V
VPPH
Upon VPP high-voltage detection
9.7Note 1 10.0Note 1 10.3Note 1
V
VDD supply current
IDD
10
mA
VPP supply current
IPP
VPP =10.0 V
75
100
mA
Write time (per byte)
TWRT
50
500
µs
Number of rewrites
CWRT
20Note 2
Times
Erase time
TERASE
120
s
Programming temperature
TPRG
+10
+40
°C
Notes 1. For the product grades “K, E, and P”, 10.2 V (MIN.), 10.3 V (TYP.), and 10.4 V (MAX.), are applied.
2. For the product specification “K and E”, the number is 1 (MAX.).
(2) Serial write operation characteristics
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
VPP set time
tPSRON
VPP high voltage
1.0
µs
Set time from VDD
↑ to VPP↑
tDRPSR
VPP high voltage
1.0
µs
Set time from VPP
↑ to RESET↑
tPSRRF
VPP high voltage
1.0
µs
VPP count start time from RESET
↑
tRFCF
1.0
µs
Count execution time
tCOUNT
2.0
ms
VPP counter high-level width
tCH
8.0
µs
VPP counter low-level width
tCL
8.0
µs
VPP counter noise elimination width
tNFW
40
ns
Flash Memory Write Mode Set Timing
VDD
VDD
0 V
VDD
RESET (input)
0 V
VPPH
VPPL
VPP
VPP
tRFCF
tPSRON tPSRRF
tDRPSR
tCH
tCL
tCOUNT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com