Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 52 Page - NEC

Part # UPD78044F
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 52 Page - NEC

Back Button UPD78044F Datasheet HTML 48Page - NEC UPD78044F Datasheet HTML 49Page - NEC UPD78044F Datasheet HTML 50Page - NEC UPD78044F Datasheet HTML 51Page - NEC UPD78044F Datasheet HTML 52Page - NEC UPD78044F Datasheet HTML 53Page - NEC UPD78044F Datasheet HTML 54Page - NEC UPD78044F Datasheet HTML 55Page - NEC UPD78044F Datasheet HTML 56Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 66 page
background image
µPD78F0034A, 78F0034AY
52
Data Sheet U14040EJ4V0DS
9. RECOMMENDED SOLDERING CONDITIONS
The
µPD78F0034A, 78F0034AY should be soldered and mounted under the following recommended conditions.
For details of the recommended soldering conditions, refer to the document Semiconductor Device Mounting
Technology Manual (C10535E).
For soldering methods and conditions other than those recommended below, contact your NEC sales
representative.
Table 9-1. Surface Mounting Type Soldering Conditions (1/2)
(1)
µPD78F0034AGC-8BS: 64-pin plastic LQFP (14 × 14)
µPD78F0034AYGC-8BS: 64-pin plastic LQFP (14 × 14)
µPD78F0034AGC-AB8: 64-pin plastic QFP (14 × 14)
µPD78F0034AYGC-AB8: 64-pin plastic QFP (14 × 14)
Soldering Method
Soldering Conditions
Recommended
Condition Symbol
Infrared reflow
Package peak temperature: 235
°C, Time: 30 seconds max. (at 210°C or higher),
IR35-00-2
Count: Two times or less
VPS
Package peak temperature: 215
°C, Time: 40 seconds max. (at 200°C or higher),
VP15-00-2
Count: Two times or less
Wave soldering
Solder bath temperature: 260
°C max., Time: 10 seconds max., Count: Once,
WS60-00-1
Preheating temperature: 120
°C max. (package surface temperature)
Partial heating
Pin temperature: 300
°C max., Time: 3 seconds max. (per pin row)
–
Caution Do not use different soldering methods together (except for partial heating).
(2)
µPD78F0034AGB-8EU: 64-pin plastic LQFP (10 × 10)
µPD78F0034AYGB-8EU: 64-pin plastic LQFP (10 × 10)
Soldering Method
Soldering Conditions
Recommended
Condition Symbol
Infrared reflow
Package peak temperature: 235
°C, Time: 30 seconds max. (at 210°C or higher),
IR35-107-2
Count: Two times or less,
Exposure limit: 7 daysNote (after 7 days, prebake at 125
°C for 10 hours)
VPS
Package peak temperature: 215
°C, Time: 40 seconds max. (at 200°C or higher),
VP15-107-2
Count: Two times or less,
Exposure limit: 7 daysNote (after 7 days, prebake at 125
°C for 10 hours)
Partial heating
Pin temperature: 300
°C max., Time: 3 seconds max. (per pin row)
–
Note
After opening the dry pack, store it at 25
°C or less and 65% RH or less for the allowable storage period.
Caution Do not use different soldering methods together (except for partial heating).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com