Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 53 Page - NEC

Part # UPD78044F
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 53 Page - NEC

Back Button UPD78044F Datasheet HTML 49Page - NEC UPD78044F Datasheet HTML 50Page - NEC UPD78044F Datasheet HTML 51Page - NEC UPD78044F Datasheet HTML 52Page - NEC UPD78044F Datasheet HTML 53Page - NEC UPD78044F Datasheet HTML 54Page - NEC UPD78044F Datasheet HTML 55Page - NEC UPD78044F Datasheet HTML 56Page - NEC UPD78044F Datasheet HTML 57Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 66 page
background image
µPD78F0034A, 78F0034AY
53
Data Sheet U14040EJ4V0DS
Table 9-1. Surface Mounting Type Soldering Conditions (2/2)
(3)
µPD78F0034AGK-9ET: 64-pin plastic TQFP (12 × 12)
µPD78F0034AYGK-9ET: 64-pin plastic TQFP (12 × 12)
Soldering Method
Soldering Conditions
Recommended
Condition Symbol
Infrared reflow
Package peak temperature: 235
°C, Time: 30 seconds max. (at 210°C or higher),
IR35-107-2
Count: Two times or less,
Exposure limit: 7 daysNote (after 7 days, prebake at 125
°C for 10 hours)
VPS
Package peak temperature: 215
°C, Time: 40 seconds max. (at 200°C or higher),
VP15-107-2
Count: Two times or less,
Exposure limit: 7 daysNote (after 7 days, prebake at 125
°C for 10 hours)
Wave soldering
Solder bath temperature: 260
°C max., Time: 10 seconds max.,
WS60-107-1
Count: Once, Preheating temperature: 120
°C max. (package surface temperature),
Exposure limit: 7 daysNote (after 7 days, prebake at 125
°C for 10 hours)
Partial heating
Pin temperature: 300
°C max., Time: 3 seconds max. (per pin row)
–
Note
After opening the dry pack, store it at 25
°C or less and 65% RH or less for the allowable storage period.
Caution Do not use different soldering methods together (except for partial heating).
Table 9-2. Insertion Type Soldering Conditions
µPD78F0034ACW: 64-pin plastic SDIP (19.05 mm (750))
µPD78F0034AYCW: 64-pin plastic SDIP (19.05 mm (750))
Soldering Method
Soldering Conditions
Wave soldering (pin only)
Solder bath temperature: 260
°C max., Time: 10 seconds max.
Partial heating
Pin temperature: 300
°C max., Time: 3 seconds max. (per pin row)
Caution Apply wave soldering only to the pins and be careful not to bring solder into direct contact with
the package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com