Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 4 Page - NEC

Part # UPD78044F
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 4 Page - NEC

  UPD78044F Datasheet HTML 1Page - NEC UPD78044F Datasheet HTML 2Page - NEC UPD78044F Datasheet HTML 3Page - NEC UPD78044F Datasheet HTML 4Page - NEC UPD78044F Datasheet HTML 5Page - NEC UPD78044F Datasheet HTML 6Page - NEC UPD78044F Datasheet HTML 7Page - NEC UPD78044F Datasheet HTML 8Page - NEC UPD78044F Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
µPD78F0034A, 78F0034AY
4
Data Sheet U14040EJ4V0DS
• Y subseries
Function
Timer
8-Bit 10-Bit 8-Bit
Serial Interface
I/O
External
Subseries Name
8-Bit 16-Bit Watch WDT
A/D
A/D
D/A
Expansion
Control
µPD78078Y 48 K to 60 K 4 ch 1 ch 1 ch 1 ch 8 ch
–
2 ch 3 ch (UART: 1 ch, I2C: 1 ch)
88
1.8 V
√
µPD78070AY
–
61
2.7 V
µPD780018AY 48 K to 60 K
–
3 ch (I2C: 1 ch)
88
µPD780058Y 24 K to 60 K 2 ch
2 ch 3 ch (time-division UART: 1 ch, I2C: 1 ch)
68
1.8 V
µPD78058FY 48 K to 60 K
3 ch (UART: 1 ch, I2C: 1 ch)
69
2.7 V
µPD78054Y 16 K to 60 K
2.0 V
µPD780078Y 48 K to 60 K
2 ch
–
8 ch
–
4 ch (UART: 2 ch, I2C: 1 ch)
52
1.8 V
µPD780034AY 8 K to 32 K
1 ch
3 ch (UART: 1 ch, I2C: 1 ch)
51
µPD780024AY
8 ch
–
µPD78018FY 8 K to 60 K
2 ch (I2C: 1 ch)
53
LCD
µPD780354Y 24 K to 32 K 4 ch 1 ch 1 ch 1 ch
–
8 ch
–
4 ch (UART: 1 ch,
66
1.8 V
–
drive
µPD780344Y
8 ch
–
I
2C: 1 ch)
µPD780308Y 48 K to 60 K 2 ch
3 ch (time-division UART: 1 ch, I2C: 1 ch)
57
2.0 V
µPD78064Y 16 K to 32 K
2 ch (UART: 1 ch, I2C: 1 ch)
Bus
µPD780701Y 60 K
3 ch
2 ch
1 ch
1 ch 16 ch
––
4 ch (UART: 1 ch, I2C: 1 ch)
67
3.5 V
–
interface µPD780703Y
supported
µPD780833Y
65
4.5 V
Remark
Functions other than the serial interface are common to both the Y and non-Y subseries.
VDD
MIN.
Value
ROM
Capacity
(Bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com