Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78044F Datasheet(PDF) 49 Page - NEC

Part # UPD78044F
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 49 Page - NEC

Back Button UPD78044F Datasheet HTML 45Page - NEC UPD78044F Datasheet HTML 46Page - NEC UPD78044F Datasheet HTML 47Page - NEC UPD78044F Datasheet HTML 48Page - NEC UPD78044F Datasheet HTML 49Page - NEC UPD78044F Datasheet HTML 50Page - NEC UPD78044F Datasheet HTML 51Page - NEC UPD78044F Datasheet HTML 52Page - NEC UPD78044F Datasheet HTML 53Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
µPD78F0034A, 78F0034AY
49
Data Sheet U14040EJ4V0DS
Remark
The package and material of ES products are the same as mass produced products.
64-PIN PLASTIC LQFP (14x14)
NOTE
Each lead centerline is located within 0.20 mm of
its true position (T.P.) at maximum material condition.
ITEM
MILLIMETERS
A
B
D
G
17.2
±0.2
14.0
±0.2
0.8 (T.P.)
1.0
J
17.2
±0.2
K
C
14.0
±0.2
I
0.20
1.6
±0.2
L
0.8
F
1.0
N
P
Q
0.10
1.4
±0.1
0.127
±0.075
U
0.886
±0.15
R
S
3
°
1.7 MAX.
T
0.25
P64GC-80-8BS
H
0.37+0.08
−0.07
M
0.17+0.03
−0.06
S
N
J
T
detail of lead end
C
D
A
B
K
M
I
S
P
R
L
U
Q
G
F
M
H
+4°
−3°
1
64
49
17
32
16
48
33
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com