Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6986H3V3 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6986H3V3
Description  38 V, 2 A synchronous step-down switching regulator with 30 μA quiescent current
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986H3V3 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6986H3V3 Datasheet HTML 2Page - STMicroelectronics L6986H3V3 Datasheet HTML 3Page - STMicroelectronics L6986H3V3 Datasheet HTML 4Page - STMicroelectronics L6986H3V3 Datasheet HTML 5Page - STMicroelectronics L6986H3V3 Datasheet HTML 6Page - STMicroelectronics L6986H3V3 Datasheet HTML 7Page - STMicroelectronics L6986H3V3 Datasheet HTML 8Page - STMicroelectronics L6986H3V3 Datasheet HTML 9Page - STMicroelectronics L6986H3V3 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
3
Electrical characteristics
TJ =25 °C, VIN = 12 V unless otherwise specified.
Table 5. Electrical characteristics
Symbol
Parameter
Test conditions
Note
Min.
Typ.
Max.
Unit
VIN
Operating input voltage
range
-
-
4
-
38
V
VIN_H
VCC UVLO rising
threshold
-
-
2.7
-
3.5
VIN_L
VCC UVLO falling
threshold
-
-
2.4
-
3.5
IPK
Peak current limit
Duty cycle < 20%
-
2.55
-
-
A
Duty cycle = 100% closed
loop operation
-
2.1
-
-
IVY
Valley current limit
-
-
2.7
-
-
ISKIPH
Programmable skip
current limit
LCM, VSYNCH = GND
(1)
0.6
0.8
ISKIPL
LCM, VSYNCH = VCC
(2)
-
0.2
-
-
IVY_SNK
Reverse current limit
LNM or VOUT overvoltage
-
0.8
1
2
-
RDS(on) HS
High-side RDSON
ISW=1 A
-
-
0.18
0.36
Ω
RDS(on) LS
Low-side RDSON
ISW=1 A
-
-
0.15
0.30
fSW
Selected switching
frequency
FSW pinstrapping before
SS
-
See Table 6. fSW selection
IFSW
FSW biasing current
SS ended
-
-
0
500
nA
LCM/LNM
Low noise mode /low
consumption mode
selection
MLF pinstrapping before SS
-
See Table 7. LNM/ LCM selection
(L6986H3V3), Table 8. LNM/ LCM selection
(L6986H5V) and Table 9. LNM/ LCM selection
(L6986H)
IMLF
MLF biasing current
SS ended
-
-
0
500
nA
D
Duty cycle
-
(2)
0
-
100
%
TON MIN
Minimum on-time
-
-
-
80
-
ns
VCC regulator
VCC
LDO output voltage
VBIAS = GND (no
switchover)
-
2.9
3.3
3.6
V
VBIAS = 5 V (switchover)
-
2.9
3.3
3.6
SWO
VBIAS threshold
(3 V< VBIAS<5.5 V)
Switch internal supply from
VIN
to VBIAS
-
2.85
-
3.2
Switch internal supply from
VBIAS to VIN
-
2.78
-
3.15
Power consumption
ISHTDWN
Shutdown current from
VIN
VSS/INH =GND
-
4
8
15
µA
L6986H
Electrical characteristics
DS12905 - Rev 2
page 6/68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com