Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6986H3V3 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L6986H3V3
Description  38 V, 2 A synchronous step-down switching regulator with 30 μA quiescent current
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986H3V3 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L6986H3V3 Datasheet HTML 23Page - STMicroelectronics L6986H3V3 Datasheet HTML 24Page - STMicroelectronics L6986H3V3 Datasheet HTML 25Page - STMicroelectronics L6986H3V3 Datasheet HTML 26Page - STMicroelectronics L6986H3V3 Datasheet HTML 27Page - STMicroelectronics L6986H3V3 Datasheet HTML 28Page - STMicroelectronics L6986H3V3 Datasheet HTML 29Page - STMicroelectronics L6986H3V3 Datasheet HTML 30Page - STMicroelectronics L6986H3V3 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
Figure 25. LCM operation over loading condition (part 4-CCM)
4.8.3
Quiescent current in LCM with switchover
The current absorbed from the input voltage in the low consumption mode while regulating the output voltage at
the zero output load depends on the input voltage value and the selected skip current level, as shown in
Figure 26. Quiescent current at VOUT = 3.3 V and zero output load and Figure 27. Quiescent current at VOUT = 5
V and zero output load
Figure 26. Quiescent current at VOUT = 3.3 V and zero output load
When VIN is adequately higher than VOUT (see Figure 26. Quiescent current at VOUT = 3.3 V and zero output
load ) the device works in the bursts mode operation, minimizing the power consumption over the entire input
voltage (see Section 4.8.2 Low consumption mode (LCM)).
L6986H
Light-load operation
DS12905 - Rev 2
page 27/68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com