Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6986H3V3 Datasheet(PDF) 63 Page - STMicroelectronics

Part # L6986H3V3
Description  38 V, 2 A synchronous step-down switching regulator with 30 μA quiescent current
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986H3V3 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button L6986H3V3 Datasheet HTML 59Page - STMicroelectronics L6986H3V3 Datasheet HTML 60Page - STMicroelectronics L6986H3V3 Datasheet HTML 61Page - STMicroelectronics L6986H3V3 Datasheet HTML 62Page - STMicroelectronics L6986H3V3 Datasheet HTML 63Page - STMicroelectronics L6986H3V3 Datasheet HTML 64Page - STMicroelectronics L6986H3V3 Datasheet HTML 65Page - STMicroelectronics L6986H3V3 Datasheet HTML 66Page - STMicroelectronics L6986H3V3 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 68 page
background image
Contents
1
Application schematic .............................................................2
2
Pin settings........................................................................3
2.1
Pin connection ................................................................. 3
2.2
Pin description ................................................................. 3
2.3
Maximum ratings ............................................................... 4
2.4
Thermal data .................................................................. 5
2.5
ESD protection ................................................................ 5
3
Electrical characteristics...........................................................6
4
Functional description ............................................................11
4.1
Power supply and voltage reference.............................................. 12
4.2
Voltage monitor ............................................................... 12
4.3
Soft-start and inhibit ........................................................... 12
4.3.1
Ratiometric startup ...................................................... 17
4.3.2
Output voltage sequencing ................................................ 18
4.4
Error amplifier ................................................................ 18
4.5
Output voltage line regulation ................................................... 18
4.6
Output voltage load regulation................................................... 19
4.7
High-side switch resistance vs. input voltage ...................................... 19
4.8
Light-load operation ........................................................... 20
4.8.1
Low noise mode (LNM) ................................................... 20
4.8.2
Low consumption mode (LCM) ............................................. 21
4.8.3
Quiescent current in LCM with switchover..................................... 27
4.9
Switchover feature ............................................................ 29
4.9.1
LCM ................................................................. 29
4.9.2
LNM ................................................................. 29
4.10
Overcurrent protection ......................................................... 29
4.11
OCP and switchover feature .................................................... 31
4.12
Overvoltage protection ......................................................... 33
4.13
Thermal shutdown............................................................. 34
L6986H
Contents
DS12905 - Rev 2
page 63/68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com