Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6986H3V3 Datasheet(PDF) 41 Page - STMicroelectronics

Part # L6986H3V3
Description  38 V, 2 A synchronous step-down switching regulator with 30 μA quiescent current
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986H3V3 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L6986H3V3 Datasheet HTML 37Page - STMicroelectronics L6986H3V3 Datasheet HTML 38Page - STMicroelectronics L6986H3V3 Datasheet HTML 39Page - STMicroelectronics L6986H3V3 Datasheet HTML 40Page - STMicroelectronics L6986H3V3 Datasheet HTML 41Page - STMicroelectronics L6986H3V3 Datasheet HTML 42Page - STMicroelectronics L6986H3V3 Datasheet HTML 43Page - STMicroelectronics L6986H3V3 Datasheet HTML 44Page - STMicroelectronics L6986H3V3 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 68 page
background image
6
Application notes
6.1
Output voltage adjustment
The error amplifier reference voltage is 0.85 V typical.
The output voltage is adjusted accordingly as per equation below: (see Figure 42. L6986H application circuit).
VOUT=0.85⋅(1+R1R2)
(40)
Cr1 capacitor is sometimes useful to increase the small signal phase margin (please refer to Compensation
network design).
Figure 42. L6986H application circuit
L6986H
Rc
Power GND
Cc
signal GND
Cp
Cr1
R1
R2
uC RST
RST
1
VCC
2
SS/INH
3
SYNCH
4
FSW
5
MLF
6
COMP 7
DELAY
8
FB 9
SGND
10
11
PGND PGND
12
LX 13
LX
14
VIN
15
VBIAS
16
EP
17
GND
VIN
VOUT
6.2
Switching frequency
A resistor connected to the FSW pin features the selection of the switching frequency. The pinstrapping is
performed at power-up, before the soft-start takes place. The FSW pin is pinstrapped and then driven floating in
order to minimize the quiescent current from VIN. Please refer to Table 2 to identify the pull-up / pull-down resistor
value. fSW = 250 kHz / fSW = 500 kHz preferred codifications do not require any external resistor.
6.3
MLF pin
A resistor connected to the MLF pin features the selection of the between low noise mode / low consumption
mode and the different RST thresholds. The pinstrapping is performed at power-up, before the soft-start takes
place. The FSW pin is pinstrapped and then driven floating in order to minimize the quiescent current from VIN.
Please refer to Table 7. LNM/ LCM selection (L6986H3V3), Table 8. LNM/ LCM selection (L6986H5V), and
Table 9. LNM/ LCM selection (L6986H) to identify the pull-up / pull-down resistor value. (LNM, RST threshold
93%) / (LCM, RST threshold 93%) preferred codifications don't require any external resistor.
6.4
Voltage supervisor
The embedded voltage supervisor (composed of the RST and the DELAY pins) monitors the regulated output
voltage and keeps the RST open collector output in low impedance as long as the VOUT is out of regulation. In
order to ensure a proper reset of digital devices with a valid power supply, the device can delay the RST assertion
with a programmable time.
L6986H
Application notes
DS12905 - Rev 2
page 41/68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com