Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6986H3V3 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6986H3V3
Description  38 V, 2 A synchronous step-down switching regulator with 30 μA quiescent current
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986H3V3 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6986H3V3 Datasheet HTML 13Page - STMicroelectronics L6986H3V3 Datasheet HTML 14Page - STMicroelectronics L6986H3V3 Datasheet HTML 15Page - STMicroelectronics L6986H3V3 Datasheet HTML 16Page - STMicroelectronics L6986H3V3 Datasheet HTML 17Page - STMicroelectronics L6986H3V3 Datasheet HTML 18Page - STMicroelectronics L6986H3V3 Datasheet HTML 19Page - STMicroelectronics L6986H3V3 Datasheet HTML 20Page - STMicroelectronics L6986H3V3 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 68 page
background image
4.3.1
Ratiometric startup
The ratiometric start-up is implemented sharing the same soft-start capacitor for a set of the L6986H devices
Figure 10. Ratiometric startup
VOUT3
VOUT2
VOUT1
t
V
As a consequence all the internal current generators charge in parallel the external capacitor. The capacitor value
is dimensioned accordingly, as per equation below:
CSS=nL6986H⋅SSGAIN⋅ISSCH⋅TSS
VFB =nL6986H⋅3⋅4μA⋅TSS
0.85V
(12)
where nL6986H represents the number of devices connected in parallel.
For better tracking of the different output voltages the synchronization of the set of regulators is suggested.
Figure 11. Ratiometric start-up operation
L6986H
Soft-start and inhibit
DS12905 - Rev 2
page 17/68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com