Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6986H3V3 Datasheet(PDF) 28 Page - STMicroelectronics

Part # L6986H3V3
Description  38 V, 2 A synchronous step-down switching regulator with 30 μA quiescent current
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986H3V3 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L6986H3V3 Datasheet HTML 24Page - STMicroelectronics L6986H3V3 Datasheet HTML 25Page - STMicroelectronics L6986H3V3 Datasheet HTML 26Page - STMicroelectronics L6986H3V3 Datasheet HTML 27Page - STMicroelectronics L6986H3V3 Datasheet HTML 28Page - STMicroelectronics L6986H3V3 Datasheet HTML 29Page - STMicroelectronics L6986H3V3 Datasheet HTML 30Page - STMicroelectronics L6986H3V3 Datasheet HTML 31Page - STMicroelectronics L6986H3V3 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
Figure 27. Quiescent current at VOUT = 5 V and zero output load
20
40
60
80
100
120
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
VIN [V]
L6986H input current with V
BIAS =VOUT=5 V and I
LOAD = 0
LCM-500kHz
ISKIPH
ISKIPL
When VIN approaches VOUT (see Figure 27. Quiescent current at VOUT = 5 V and zero output load and zoomed
Figure 28. Quiescent current at VIN while regulating VOUT = 5 V at zero output load) the device increases the
switching activity towards the continuous conduction mode operation for the internal slope contribution effect on
the programmed skip current threshold. As a consequence the quiescent current increases.
When VIN is lower than VOUT (see Figure 28. Quiescent current at VIN while regulating VOUT = 5 V at zero
output load), the device enters in the low-dropout operation with the high-side always switched on. In this
operating condition, all the internal circuit blocks are active and the quiescent current corresponds to what
measured in the low noise mode operation (see IQ OP VIN and IQ OP VBIAS in Table 5. Electrical characteristics
given VFB = GND).
Figure 28. Quiescent current at VIN while regulating VOUT = 5 V at zero output load
0
2
4
6
8
10
12
14
16
4
4.2
4.4
4.6
4.8
5
5.2
5.4
5.6
5.8
6
VIN [V]
ISKIPH
ISKIPL
Pulse Skipping
SLEEP Mode
Continuous
Conduction Mode
Drop Out
No SLEEP Mode
L6986H input current VBIAS=VOUT=5 V and ILOAD=0 LCM=500 kHz
L6986H
Light-load operation
DS12905 - Rev 2
page 28/68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com