Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6986H3V3 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6986H3V3
Description  38 V, 2 A synchronous step-down switching regulator with 30 μA quiescent current
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986H3V3 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6986H3V3 Datasheet HTML 8Page - STMicroelectronics L6986H3V3 Datasheet HTML 9Page - STMicroelectronics L6986H3V3 Datasheet HTML 10Page - STMicroelectronics L6986H3V3 Datasheet HTML 11Page - STMicroelectronics L6986H3V3 Datasheet HTML 12Page - STMicroelectronics L6986H3V3 Datasheet HTML 13Page - STMicroelectronics L6986H3V3 Datasheet HTML 14Page - STMicroelectronics L6986H3V3 Datasheet HTML 15Page - STMicroelectronics L6986H3V3 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 68 page
background image
4.1
Power supply and voltage reference
The internal regulator block consists of a start-up circuit, the voltage pre-regulator that provides current to all the
blocks and the bandgap voltage reference. The starter supplies the start-up current when the input voltage goes
high and the device is enabled (SS/INH pin over the inhibits threshold).
The pre-regulator block supplies the bandgap cell and the rest of the circuitry with a regulated voltage that has a
very low supply voltage noise sensitivity.
Switchover feature
The switchover scheme of the pre-regulator block features to derive the main contribution of the supply current for
the internal circuitry from an external voltage (3 V < VBIAS<5.5 V is typically connected to the regulated output
voltage). This helps to decrease the equivalent quiescent current seen at VIN. (Please refer to Switchover
feature).
4.2
Voltage monitor
An internal block continuously senses the VCC,VBIAS and VBG. If the monitored voltages are good, the regulator
starts operating. There is also a hysteresis on the VCC (UVLO).
Figure 4. Internal circuit
STARTER
IC BIAS
PREREGULATOR
BANDGAP
VREG
VREF
D00IN1126
VCC
4.3
Soft-start and inhibit
The soft-start and inhibit features are multiplexed on the same pin. An internal current source charges the
external soft-start capacitor to implement a voltage ramp on the SS/INH pin. The device is inhibited as long as the
SS/INH pin voltage is lower than the VINH threshold and the soft-start takes place when SS/INH pin crosses VSS
START. (See Figure 5. Soft-start phase).
The internal current generator sources 1 mA typ. current when the voltage of the VCC pin crosses the UVLO
threshold. The current increases to 4 µA typ. as soon as the SS/INH voltage is higher than the VINH threshold.
This feature helps to decrease the current consumption in inhibit mode. An external open collector can be used to
set the inhibit operation clamping the SS/INH voltage below VINH threshold.
The start-up feature minimizes the inrush current and decreases the stress of the power components during the
power-up phase. The ramp implemented on the reference of the error amplifier has a gain three times higher
(SSGAIN) than the external ramp present at SS/INH pin.
L6986H
Power supply and voltage reference
DS12905 - Rev 2
page 12/68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com