Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXF5G2012 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AXF5G2012
Description  High Current Connectors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXF5G2012 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AXF5G2012 Datasheet HTML 1Page - Panasonic Semiconductor AXF5G2012 Datasheet HTML 2Page - Panasonic Semiconductor AXF5G2012 Datasheet HTML 3Page - Panasonic Semiconductor AXF5G2012 Datasheet HTML 4Page - Panasonic Semiconductor AXF5G2012 Datasheet HTML 5Page - Panasonic Semiconductor AXF5G2012 Datasheet HTML 6Page - Panasonic Semiconductor AXF5G2012 Datasheet HTML 7Page - Panasonic Semiconductor AXF5G2012 Datasheet HTML 8Page - Panasonic Semiconductor AXF5G2012 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
High Current Connectors P4SP (0.4 mm pitch)
Panasonic Corporation Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
ACCTB112E 202003
Panasonic Corporation 2020
PRODUCT TYPES
Mated height
Number of
pins
Part No.
Standard packing
Socket
Header
Inner carton (1-reel)
Outer carton
1.5 mm
10
AXF5G1012
AXF6G1012
3,000 pcs.
6,000 pcs.
16
AXF5G1612
AXF6G1612
20
AXF5G2012
AXF6G2012
24
AXF5G2412
AXF6G2412
26
AXF5G2612
AXF6G2612
30
AXF5G3012
AXF6G3012
34
AXF5G3412
AXF6G3412
38
AXF5G3812
AXF6G3812
40
AXF5G4012
AXF6G4012
50
AXF5G5012
AXF6G5012
60
AXF5G6012
AXF6G6012
80
AXF5G8012
AXF6G8012
100
AXF5G0012
AXF6G0012
2.5 mm
20
AXF5G2022
AXF6G2012
30
AXF5G3022
AXF6G3012
40
AXF5G4022
AXF6G4012
60
AXF5G6022
AXF6G6012
80
AXF5G8022
AXF6G8012
100
AXF5G0022
AXF6G0012
3.0 mm
20
AXF5G2022
AXF6G2032
30
AXF5G3022
AXF6G3032
60
AXF5G6022
AXF6G6032
80
AXF5G8022
AXF6G8032
100
AXF5G0022
AXF6G0032
Notes: 1. Order unit: For volume production: 1-inner carton (1-reel) units. For samples, please contact our sales office.
2. Please contact our sales office for connectors having a number of pins other than those listed above.
ー 2 ー



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com