Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXF5G2012 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AXF5G2012
Description  High Current Connectors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXF5G2012 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AXF5G2012 Datasheet HTML 1Page - Panasonic Semiconductor AXF5G2012 Datasheet HTML 2Page - Panasonic Semiconductor AXF5G2012 Datasheet HTML 3Page - Panasonic Semiconductor AXF5G2012 Datasheet HTML 4Page - Panasonic Semiconductor AXF5G2012 Datasheet HTML 5Page - Panasonic Semiconductor AXF5G2012 Datasheet HTML 6Page - Panasonic Semiconductor AXF5G2012 Datasheet HTML 7Page - Panasonic Semiconductor AXF5G2012 Datasheet HTML 8Page - Panasonic Semiconductor AXF5G2012 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
High Current Connectors P4SP (0.4 mm pitch)
Panasonic Corporation Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
ACCTB112E 202003
Panasonic Corporation 2020
1.24
(Post and soldering
terminals)
Terminal coplanarity
0.08
0.40±0.05
A
0.15±0.03
0.15±0.03
B±0.1
C±0.1
X
X
Soldering terminals
R0.20
R0.25
R0.20
General tolerance: ±0.2
Note: The soldering terminal dimentions of headers with mated heights of 1.5 mm/2.5mm and 3.0mm are different.
X
X
C0.2
A
C±0.1
(0.66)
B±0.1
0.30±0.03
0.15±0.03
0.40±0.05
D
(Contact and soldering
terminals)
Terminal coplanarity
0.08
Note) Z
Note) Y
General tolerance: ±0.2
Note: Because the soldering terminal Y and Z are the unified structure, they are connected electrically.
CAD
External dimensions
DIMENSIONS
CAD
The CAD data of the products with a “CAD” mark can be downloaded from our Website.
Unit: mm
Socket (Mated height: 1.5 mm, 2.5 mm, 3.0 mm)
CAD
Header (Mated height: 1.5 mm, 2.5 mm)
External dimensions
Dimension table
Dimensions
Number
of pins
A
B
C
10
4.70
1.60
3.50
16
5.90
2.80
4.70
20
6.70
3.60
5.50
24
7.50
4.40
6.30
26
7.90
4.80
6.70
30
8.70
5.60
7.50
34
9.50
6.40
8.30
38
10.30
7.20
9.10
40
10.70
7.60
9.50
50
12.70
9.60
11.50
60
14.70
11.60
13.50
80
18.70
15.60
17.50
100
22.70
19.60
21.50
Dimensions
Mated height
D
1.5 mm
1.45
2.5 mm
2.45
3.0 mm
2.45
Dimension table
Dimensions
Number
of pins
A
B
C
10
3.90
1.60
3.20
16
5.10
2.80
4.40
20
5.90
3.60
5.20
24
6.70
4.40
6.00
26
7.10
4.80
6.40
30
7.90
5.60
7.20
34
8.70
6.40
8.00
38
9.50
7.20
8.80
40
9.90
7.60
9.20
50
11.90
9.60
11.20
60
13.90
11.60
13.20
80
17.90
15.60
17.20
100
21.90
19.60
21.20
ー 4 ー



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com