Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXF5G2012 Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # AXF5G2012
Description  High Current Connectors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXF5G2012 Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button AXF5G2012 Datasheet HTML 4Page - Panasonic Semiconductor AXF5G2012 Datasheet HTML 5Page - Panasonic Semiconductor AXF5G2012 Datasheet HTML 6Page - Panasonic Semiconductor AXF5G2012 Datasheet HTML 7Page - Panasonic Semiconductor AXF5G2012 Datasheet HTML 8Page - Panasonic Semiconductor AXF5G2012 Datasheet HTML 9Page - Panasonic Semiconductor AXF5G2012 Datasheet HTML 10Page - Panasonic Semiconductor AXF5G2012 Datasheet HTML 11Page - Panasonic Semiconductor AXF5G2012 Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
High Current Connectors P4SP (0.4 mm pitch)
Panasonic Corporation Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
ACCTB112E 202003
Panasonic Corporation 2020
Please refer to
"the latest product specifications"
when designing your product.
•Requests to customers:
https://industrial.panasonic.com/ac/e/salespolicies/
Header (Mated height 1.5 mm, 2.5 mm)
Recommended PC board pattern
(TOP VIEW)
Header (Mated height 3.0 mm)
Recommended PC board pattern
(TOP VIEW)
Recommended metal mask pattern
Metal mask thickness: When 150 μm
(Terminal opening ratio: 49%)
(Metal-part opening ratio: 100%)
Recommended metal mask pattern
Metal mask thickness: When 150 μm
(Terminal opening ratio: 49%)
(Metal-part opening ratio: 100%)
Recommended metal mask pattern
Metal mask thickness: When 120 μm
(Terminal opening ratio: 60%)
(Metal-part opening ratio: 100%)
Recommended metal mask pattern
Metal mask thickness: When 120 μm
(Terminal opening ratio: 60%)
(Metal-part opening ratio: 100%)
Note: The recommended PC board pattern diagrams and metal mask pattern diagrams for headers with mated heights of
1.5 mm/2.5 mm and 3.0 mm are different.
0.80±0.03
0.40±0.03
0.23±0.03
0.45±0.03
: Insulation area
0.80±0.03
0.45±0.03
0.40±0.03
0.23±0.03
: Insulation area
0.80±0.01
0.45±0.01
0.20±0.01
0.40±0.01
0.80±0.01
0.45±0.01
0.40±0.01
0.20±0.01
0.80±0.01
0.40±0.01
0.20±0.01
0.45±0.01
0.80±0.01
0.45±0.01
0.40±0.01
0.20±0.01
ー 8 ー



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com