Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXF5G2012 Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # AXF5G2012
Description  High Current Connectors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXF5G2012 Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button AXF5G2012 Datasheet HTML 2Page - Panasonic Semiconductor AXF5G2012 Datasheet HTML 3Page - Panasonic Semiconductor AXF5G2012 Datasheet HTML 4Page - Panasonic Semiconductor AXF5G2012 Datasheet HTML 5Page - Panasonic Semiconductor AXF5G2012 Datasheet HTML 6Page - Panasonic Semiconductor AXF5G2012 Datasheet HTML 7Page - Panasonic Semiconductor AXF5G2012 Datasheet HTML 8Page - Panasonic Semiconductor AXF5G2012 Datasheet HTML 9Page - Panasonic Semiconductor AXF5G2012 Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
High Current Connectors P4SP (0.4 mm pitch)
Panasonic Corporation Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
ACCTB112E 202003
Panasonic Corporation 2020
Dimension table
Type/Mated height
Number of pins
Type of taping
A
B
C
D
Quantity per reel
Common for sockets and
headers
1.5 mm, 2.5 mm, 3.0 mm
10 to 26
Tape I
16.0
—
7.5
17.4
3,000
30 to 80
Tape I
24.0
—
11.5
25.4
3,000
100
Tape II
32.0
28.4
14.2
33.4
3,000
Connector orientation with respect to embossed tape feeding direction
There is no indication on this product regarding top-bottom or left-right orientation.
Type
Direction
of tape progress
Common for P4SP
Socket
Header
Specifications for taping
In accordance with JIS C 0806:1990. However, not applied to
the mounting-hole pitch of some connectors.
Specifications for the plastic reel
In accordance with EIAJ ET-7200B.
EMBOSSED TAPE DIMENSIONS
Unit: mm
Embossed carrier tape
Taping reel
Top cover tape
D±1
Label
Embossed mounting-hole
(A±0.3)
(C)
(1.75)
φ1.5
φ1.5
Tape I
(A±0.3)
(C)
(B)
(1.75)
Tape II
+0.1
0
+0.1
0
ー 6 ー



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com