Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXF5G2012 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AXF5G2012
Description  High Current Connectors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXF5G2012 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AXF5G2012 Datasheet HTML 1Page - Panasonic Semiconductor AXF5G2012 Datasheet HTML 2Page - Panasonic Semiconductor AXF5G2012 Datasheet HTML 3Page - Panasonic Semiconductor AXF5G2012 Datasheet HTML 4Page - Panasonic Semiconductor AXF5G2012 Datasheet HTML 5Page - Panasonic Semiconductor AXF5G2012 Datasheet HTML 6Page - Panasonic Semiconductor AXF5G2012 Datasheet HTML 7Page - Panasonic Semiconductor AXF5G2012 Datasheet HTML 8Page - Panasonic Semiconductor AXF5G2012 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
ACCTB112E 202003
Panasonic Corporation 2020
FEATURES
Capable of MAX. 5 A for power
Rated current 1 A/pin (for power) 0.5 A/pin (for
signal), Total: Max. 12 A
Any terminal can be applied for power terminal
Low contact resistance: Max. 40 mΩ
High speed transmission of 10 Gbps is available
Realized space savings for power line, and increased design flexibility
P4SP (0.4mmpitch)
High Current Connectors For board-to-FPC/For board-to-board
TYPICAL APPLICATIONS
DSC, mobile devices and industrial equipment
3.6mm
2.35mm
Header
Socket
DETAILS FEATURES
Reduce the number of pins for power line
Increased design freedom
Any pin contact can be used as a power contact.
Any layout is possible for the power supply line.
Sample pin layout
Total power: Max. 5 A (1 A/pin × 10 pins)
ORDERING INFORMATION (PART NO.)
Rated current value 1 A/pin
For power terminal
For signal terminal
1 A/pin x 10 pins
0.5 A/pin
Total: Max. 12 A
5A
5A
Max.
0.3A/pin
Max.
0.3A/pin
Max.
0.5A/pin
Max.
0.5A/pin
5A
5A
Space
reduction
Previous
product
P4SP
Power line (5A):
0.3A×34 pins
Power line (5A):
1A×10 pins
24 pins
reduced
24 pins
reduced
5A
2A
1A
1A 1A1A
1A1A 2A
5A
Number of pins
(2 digits)
Mated height
(Socket)
1: 1.5 mm
2: 2.5 and 3.0mm
(Header)
1: 1.5 and 2.5mm
3: 3.0mm
AXF
1 2
5G: Socket
6G: Header
industrial.panasonic.com/ac/e/
2020.04
ー 1 ー


Similar Part No. - AXF5G2012

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXF5D1012 PANASONIC-AXF5D1012 Datasheet
404Kb / 10P
Automation Controls Catalog
AXF5D1212 PANASONIC-AXF5D1212 Datasheet
404Kb / 10P
Automation Controls Catalog
AXF5D1612 PANASONIC-AXF5D1612 Datasheet
404Kb / 10P
Automation Controls Catalog
AXF5D2012 PANASONIC-AXF5D2012 Datasheet
404Kb / 10P
Automation Controls Catalog
AXF5D2412 PANASONIC-AXF5D2412 Datasheet
404Kb / 10P
Automation Controls Catalog
More results

Similar Description - AXF5G2012

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MCN51-8S2-PFA HIROSE-MCN51-8S2-PFA Datasheet
289Kb / 6P
High Current, High Density, Power Connectors
PS1-4U32D6QP HIROSE-PS1-4U32D6QP Datasheet
414Kb / 10P
High-Current Connectors
logo
Panasonic Semiconductor
AXF382700 PANASONIC-AXF382700 Datasheet
336Kb / 9P
High Current Connectors
logo
Hirose Electric
EV HIROSE-EV_18 Datasheet
233Kb / 6P
125A High-Current Waterproof Connectors
logo
PHOENIX CONTACT
2130143 PHOENIX-2130143 Datasheet
143Kb / 10P
High Current Connectors - UHV240-KH/AS
2130185 PHOENIX-2130185 Datasheet
139Kb / 10P
High Current Connectors - UHV150-KH/KH
3247054 PHOENIX-3247054 Datasheet
72Kb / 5P
High Current Connectors - UKH 95-FE
logo
TE Connectivity Ltd
108-94297 TEC-108-94297 Datasheet
1Mb / 31P
AMP High Current Connectors
logo
PHOENIX CONTACT
3049107 PHOENIX-3049107 Datasheet
124Kb / 11P
High Current Connectors - HV M5/1
09/12/2020
3049408 PHOENIX-3049408 Datasheet
339Kb / 11P
High Current Connectors - HV M10/1
02/04/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com