Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 130 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 130 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 126Page - Texas Instruments AM6421 Datasheet HTML 127Page - Texas Instruments AM6421 Datasheet HTML 128Page - Texas Instruments AM6421 Datasheet HTML 129Page - Texas Instruments AM6421 Datasheet HTML 130Page - Texas Instruments AM6421 Datasheet HTML 131Page - Texas Instruments AM6421 Datasheet HTML 132Page - Texas Instruments AM6421 Datasheet HTML 133Page - Texas Instruments AM6421 Datasheet HTML 134Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 237 page
background image
DEVICE
MCU_SYSCLKOUT0
Selects Main PLL output divide-by-6
External main crystal interface pins connected to internal oscillator
which provides reference clock to PLLs within MCU domain
and MAIN domain.
Optional pins to provide reference clock input to the PLLs.
MCU_OSC0_XI
MCU_OSC0_XO
SYSCLKOUT0
J7ES_CLOCK_01
TCK
MCU_EXT_REFCLK0 / EXT_REFCLK1
Optional external System clock inputs -
(MAIN domain)
(MCU domain) /
JTAG Clock Input
CLKOUT
CPTS reference clock input for
CP_GEMAC_CPTS0_RFT_CLK / MCU_CPTS_RFT_CLK
CP_GEMAC_CPTS0_RFT_CLK /
CPTS0_RFT_CLK
MCU_PORz
MCU_RESETz
MCU Warm Reset Input / Device Warm Reset Input
BOOTMODE[15:00]
MCU Power ON Reset / Device Power ON Reset
Boot Mode Configuration / devices select
DDR0_CK0/DDR0_CK0_n
DDR Differential Clock outputs
SERDES0_REFCLK0P/N
SerDes reference clock input for PCIe or Optional USB3.0 interfaces
MCU_OBSCLK0 / OBSCLK0
Observation clock outputs for
MAIN Domain clocks
MCU Domain clock /
Reference clock output
Figure 7-14. Input Clocks Interface
For more information about Input clock interfaces, see Clocking section in Device Configuration chapter in the
device TRM.
7.10.4.1.1 MCU_OSC0 Internal Oscillator Clock Source
Figure 7-15 shows the recommended crystal circuit. All discrete components used to implement the oscillator
circuit should be placed as close as possible to the MCU_OSC0_XI and MCU_OSC0_XO pins.
Device
MCU_OSC0_XO
MCU_OSC0_XI
C
L1
Crystal
C
L2
AM65x_MCU_OSC_INT_01
PCB Ground
Figure 7-15. MCU_OSC0 Crystal Implementation
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
www.ti.com
130
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com