Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 131 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 131 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 127Page - Texas Instruments AM6421 Datasheet HTML 128Page - Texas Instruments AM6421 Datasheet HTML 129Page - Texas Instruments AM6421 Datasheet HTML 130Page - Texas Instruments AM6421 Datasheet HTML 131Page - Texas Instruments AM6421 Datasheet HTML 132Page - Texas Instruments AM6421 Datasheet HTML 133Page - Texas Instruments AM6421 Datasheet HTML 134Page - Texas Instruments AM6421 Datasheet HTML 135Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 237 page
background image
The crystal must be in the fundamental mode of operation and parallel resonant. Table 7-16 summarizes the
required electrical constraints.
Table 7-16. MCU_OSC0 Crystal Circuit Requirements
PARAMETER
MIN
TYP
MAX UNIT
Fxtal
Crystal Parallel Resonance Frequency
25
MHz
Fxtal
Crystal Frequency Stability and Tolerance
Ethernet RGMII and RMII
not used
±100
ppm
Ethernet RGMII and RMII
using derived clock
±50
CL1+PCBXI
Capacitance of CL1 + CPCBXI
12
24
pF
CL2+PCBXO
Capacitance of CL2 + CPCBXO
12
24
pF
CL
Crystal Load Capacitance
6
12
pF
Cshunt
Crystal Circuit Shunt Capacitance
ESRxtal = 30 Ω
25 MHz
7
pF
ESRxtal = 40 Ω
25 MHz
5
pF
ESRxtal = 50 Ω
25 MHz
5
pF
ESRxtal
Crystal Effective Series Resistance
100
Ω
When selecting a crystal, the system design must consider temperature and aging characteristics of the crystal
based on worst case environment and expected life expectancy of the system.
Table 7-17 details the switching characteristics of the oscillator.
Table 7-17. MCU_OSC0 Switching Characteristics - Crystal Mode
PARAMETER
MIN
TYP
MAX UNIT
CXI
XI Capacitance
TBD
pF
CXO
XO Capacitance
TBD
pF
CXIXO
XI to XO Mutual Capacitance
TBD
pF
ts
Start-up Time
4
ms
VDDS_OSC0
MCU_OSC0_XO
t
sX
Time
VSS
VDDS_OSC0 (min.)
VDD_MCU (min.)
VSS
VDD_MCU
AM65x_MCU_OSC_STARTUP_02
Figure 7-16. MCU_OSC0 Start-up Time
7.10.4.1.1.1 Load Capacitance
The crystal circuit must be designed such that it applies the appropriate capacitive load to the crystal, as defined
by the crystal manufacturer. The capacitive load, CL, of this circuit is a combination of discrete capacitors CL1,
CL2, and several parasitic contributions. PCB signal traces which connect crystal circuit components to
MCU_OSC0_XI and MCU_OSC0_XO have parasitic capacitance to ground, CPCBXI and CPCBXO, where the PCB
www.ti.com
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
131
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com