Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 135 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 135 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 131Page - Texas Instruments AM6421 Datasheet HTML 132Page - Texas Instruments AM6421 Datasheet HTML 133Page - Texas Instruments AM6421 Datasheet HTML 134Page - Texas Instruments AM6421 Datasheet HTML 135Page - Texas Instruments AM6421 Datasheet HTML 136Page - Texas Instruments AM6421 Datasheet HTML 137Page - Texas Instruments AM6421 Datasheet HTML 138Page - Texas Instruments AM6421 Datasheet HTML 139Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 237 page
background image
7.10.5 Peripherals
7.10.5.1 CPSW3G
For more details about features and additional description information on the device Gigabit Ethernet MAC, see
the corresponding sections within Section 6.3, Signal Descriptions and Section 8, Detailed Description.
7.10.5.1.1 CPSW3G MDIO Timing
Table 7-18, Table 7-19, Table 7-20, and Figure 7-20 present timing conditions, requirements, and switching
characteristics for CPSW3G MDIO.
Table 7-18. CPSW3G MDIO Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
0.9
3.6
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
10
470
pF
Table 7-19. CPSW3G MDIO Timing Requirements
see Figure 7-20
NO.
PARAMETER
MIN
MAX
UNIT
MDIO1 tsu(MDIO_MDC)
Setup time, MDIO[x]_MDIO valid before MDIO[x]_MDC high
90
ns
MDIO2 th(MDC_MDIO)
Hold time, MDIO[x]_MDIO valid after MDIO[x]_MDC high
0
ns
Table 7-20. CPWS3G MDIO Switching Characteristics
see Figure 7-20
NO.
PARAMETER
MIN
MAX
UNIT
MDIO3 tc(MDC)
Cycle time, MDIO[x]_MDC
400
ns
MDIO4 tw(MDCH)
Pulse Duration, MDIO[x]_MDC high
160
ns
MDIO5 tw(MDCL)
Pulse Duration, MDIO[x]_MDC low
160
ns
MDIO7 td(MDC_MDIO)
Delay time, MDIO[x]_MDC low to MDIO[x]_MDIO valid
-150
150
ns
MDIO3
MDIO1
MDIO2
MDIO7
MDIO4
MDIO5
MDIO[x]_MDC
MDIO[x]_MDIO
(input)
MDIO[x]_MDIO
(output)
CPSW2G_MDIO_TIMING_01
Figure 7-20. CPSW3G MDIO Timing Requirements and Switching Characteristics
7.10.5.1.2 CPSW3G RMII Timing
Table 7-21, Table 7-22, Figure 7-21, Table 7-23, Figure 7-22 Table 7-24, and Figure 7-23 present timing
conditions, requirements, and switching characteristics for CPSW3G RMII.
www.ti.com
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
135
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com