| Electronic Components Datasheet Search |
|
AM6421 Datasheet(PDF) 134 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM6421 Datasheet(HTML) 134 Page - Texas Instruments |
|
134 / 237 page ![]() 7.10.4.2 Output Clocks The device provides several system clock outputs. Summary of these output clocks are as follows: • MCU_SYSCLKOUT0 – SYSCLK0 of from the MCU_PLL controller is divided by 6 and then sent out of the device as a LVCMOS clock signal (MCU_SYSCLKOUT0). This signal can be used to test if the MCU chip clock is functioning or not. • MCU_OBSCLK0 – On the clock output MCU_OBSCLK0, oscillators and PLLs clocks can be observed for tests and debug. • SYSCLKOUT0 – SYSCLK0 from the MAIN_PLL controller is divided by 6 and then sent out of the device as a LVCMOS clock signal (SYSCLKOUT0). This signal can be used to test if the MAIN chip clock is functioning or not. • CLKOUT0 – Reference clock output • OBSCLK0 – On the clock output OBSCLK0, oscillators and PLLs clocks can be observed for tests and debug. 7.10.4.3 PLLs Power is supplied to the Phase-Locked Loop circuits (PLLs) by internal regulators that derive their power from off-chip power-sources. There is one PLL in the MCU domain: • MCU0_PLL There are six PLLs in the MAIN domain: • ARM0_PLL • MAIN_PLL • PER0_PLL • PER1_PLL • DDR PLL • R5F PLL Note For more information, see: • Device Configuration / Clocking / PLLs section in the device TRM. • Programmable Real-Time Unit Subsystem and Industrial Communication Subsystem - Gigabit (PRU_ICSSG) section in the device TRM. Note The input reference clock (MCU_OSC0_XI / MCU_OSC0_XO) is specified and the lock time is ensured by the PLL controller, as documented in the Device Configuration chapter in the device TRM. AM6442, AM6441, AM6421 AM6412, AM6411 SPRSP56 – JANUARY 2021 www.ti.com 134 Submit Document Feedback Copyright © 2021 Texas Instruments Incorporated Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |