Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 133 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 133 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 129Page - Texas Instruments AM6421 Datasheet HTML 130Page - Texas Instruments AM6421 Datasheet HTML 131Page - Texas Instruments AM6421 Datasheet HTML 132Page - Texas Instruments AM6421 Datasheet HTML 133Page - Texas Instruments AM6421 Datasheet HTML 134Page - Texas Instruments AM6421 Datasheet HTML 135Page - Texas Instruments AM6421 Datasheet HTML 136Page - Texas Instruments AM6421 Datasheet HTML 137Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 237 page
background image
AM65x_MCU_OSC_SC_06
Device
MCU_OSC0_XO
MCU_OSC0_XI
C
PCBXIXO
PCB
Signal Traces
Crystal Circuit
Components
C
XIXO
C
O
Figure 7-18. Shunt Capacitance
A crystal should be chosen such that the below equation is satisfied. CO in the equation is the maximum shunt
capacitance specified by the crystal manufacturer.
Cshunt ≥ CO + CPCBXIXO + CXIXO
For example, the equation would be satisfied when the crystal being used is 25 MHz with an ESR = 30 Ω,
CPCBXIXO = 0.04 pF, CXIXO = 0.01 pF, and shunt capacitance of the crystal is less than or equal to 6.95 pF.
7.10.4.1.2 MCU_OSC0 LVCMOS Digital Clock Source
Figure 7-19 shows the recommended oscillator connections when MCU_OSC0_XI is connected to a 1.8-V
LVCMOS square-wave digital clock source.
Note
A DC steady-state condition is not allowed on MCU_OSC0_XI when the oscillator is powered up. This
is not allowed because MCU_OSC0_XI is internally AC coupled to a comparator that may enter a
unknown state when DC is applied to the input. Therefore, application software should power down
MCU_OSC0 any time MCU_OSC0_XI is not toggling between logic states.
Device
MCU_OSC0_XO
MCU_OSC0_XI
AM65x_MCU_OSC_EXT_CLK_03
PCB Ground
Figure 7-19. 1.8-V LVCMOS-Compatible Clock Input
www.ti.com
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
133
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com