Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 147 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 147 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 143Page - Texas Instruments AM6421 Datasheet HTML 144Page - Texas Instruments AM6421 Datasheet HTML 145Page - Texas Instruments AM6421 Datasheet HTML 146Page - Texas Instruments AM6421 Datasheet HTML 147Page - Texas Instruments AM6421 Datasheet HTML 148Page - Texas Instruments AM6421 Datasheet HTML 149Page - Texas Instruments AM6421 Datasheet HTML 150Page - Texas Instruments AM6421 Datasheet HTML 151Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 237 page
background image
7.10.5.8.1.2 GPMC and NOR Flash Switching Characteristics – Synchronous Mode
NO.
(2)
PARAMETER
DESCRIPTION
MODE
(18)
MIN
MAX
MIN
MAX
UNIT
100 MHz
133 MHz
F0
1 / tc(clk)
Period, output clock GPMC_CLK
(16)
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
10.00
7.52
ns
F1
tw(clkH)
Typical pulse duration, output clock
GPMC_CLK high
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
-0.3+0.
475*P
(14)
-0.3+0.
475*P
(14)
ns
F1
tw(clkL)
Typical pulse duration, output clock
GPMC_CLK low
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
-0.3+0.
475*P
(14)
-0.3+0.
475*P
(14)
ns
tdc(clk)
Duty cycle error, output clock
GPMC_CLK
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
-500.00 500.00 -500.00 500.00
ps
tJ(clk)
Jitter standard deviation, output clock
GPMC_CLK
(17)
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
33.33
33.33
ps
tR(clk)
Rise time, output clock GPMC_CLK
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
2.00
2.00
ns
tF(clk)
Fall time, output clock GPMC_CLK
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
2.00
2.00
ns
tR(do)
Rise time, output data
GPMC_AD[15:0]
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
2.00
2.00
ns
tF(do)
Fall time, output data
GPMC_AD[15:0]
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
2.00
2.00
ns
F2
td(clkH-csnV)
Delay time, output clock GPMC_CLK
rising edge to output chip select
GPMC_CSn[i] transition
(13)
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1;
no extra_delay
-2.2+F
(5)
3.75+F -2.2+F
(5)
3.75+F
ns
F3
td(clkH-CSn[i]V)
Delay time, output clock GPMC_CLK
rising edge to output chip select
GPMC_CSn[i] invalid
(13)
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1;
no extra_delay
-2.2+E
(4)
1.3089
027178
0544+E
-2.2+E
(4)
4.5+E
ns
F4
td(aV-clk)
Delay time, output address
GPMC_A[27:1] valid to output clock
GPMC_CLK first edge
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
-2.3+B
(2)
4.5+B -2.3+B
(2)
4.5+B
ns
F5
td(clkH-aIV)
Delay time, output clock GPMC_CLK
rising edge to output address
GPMC_A[27:1] invalid
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
-2.30
4.50
-2.30
4.50
ns
F6
td(be[x]nV-clk)
Delay time, output lower byte enable
and command latch enable
GPMC_BE0n_CLE, output upper byte
enable GPMC_BE1n valid to output
clock GPMC_CLK first edge
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
-2.3+B
(2)
1.9+B -2.3+B
(2)
1.9+B
ns
F7
td(clkH-be[x]nIV) Delay time, output clock GPMC_CLK
rising edge to output lower byte
enable and command latch enable
GPMC_BE0n_CLE, output upper byte
enable GPMC_BE1n invalid
(10)
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
-2.3+D
(3)
1.9+D -2.3+D
(3)
1.9+D
ns
F7
td(clkL-be[x]nIV)
Delay time, GPMC_CLK falling edge
to GPMC_BE0n_CLE, GPMC_BE1n
invalid
(11)
div_by_1_mode;
GPMC_FCLK_MUX;
TIMEPARAGRANULARITY_X1
-2.3+D
(3)
1.9+D -2.3+D
(3)
1.9+D
ns
www.ti.com
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
147
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com